công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PV-C3Z-R

  • AI
    ## Overview of the ORICO M2PV-C3Z-R The **M2PV-C3Z-R** is a high-performance M.2 NVMe SSD enclosure designed by ORICO. It serves as a bridge between an internal NVMe storage drive and a computer's external USB port, essentially turning an internal SSD into a portable high-speed drive. --- ### Core Electronic Components & Specifications The device relies on a specific set of internal hardware to manage data transfer, power distribution, and thermal regulation. | Component Category | Specification / Details | | :--- | :--- | | **Main Controller Chip** | Realtek **RTL9210** (High-end bridge chip) | | **Interface (Internal)** | M-Key / B&M-Key (M.2 NVMe Protocol) | | **Interface (External)** | USB 3.1 Gen2 Type-C | | **Data Transfer Rate** | Up to 10Gbps | | **Supported Capacities** | Up to 2TB | | **Compatibility** | M.2 NVMe 2230, 2242, 2260, and 2280 | --- ### Key Technical Features #### 1. The Controller: Realtek RTL9210 The RTL9210 is the "brain" of the device. It acts as a bridge between the **PCIe Gen3 x2** lane of the SSD and the **USB 3.1 Gen2** interface. * **UASP Support:** Includes USB Attached SCSI Protocol for faster data transfer speeds compared to traditional USB mass storage drivers. * **TRIM Support:** Allows the OS to inform the SSD which blocks of data are no longer considered in use, prolonging the life of the flash memory. #### 2. Thermal Management Electronics NVMe drives generate significant heat during high-speed operations. The M2PV-C3Z-R addresses this through: * **PCBA Design:** The Printed Circuit Board Assembly often includes copper pours to dissipate heat. * **Fin-style Heat Sink:** The external chassis is aluminum with a "fin" design to increase surface area for cooling. * **Thermal Pads:** Conductive pads transfer heat from the electronic chips directly to the metal shell. #### 3. Power Management Circuitry * **DC-DC Converters:** Since USB ports provide 5V and NVMe drives typically require 3.3V, the board contains voltage step-down converters. * **Auto-Sleep Function:** The firmware is programmed to enter a low-power "sleep mode" after 10 minutes of inactivity to prevent electronic wear and reduce power consumption. --- ### PCBA Visual Layout (Summary) ```mermaid graph LR A[USB-C Port] --> B[Realtek RTL9210 Bridge] B --> C[Voltage Regulator 5V to 3.3V] B --> D[M.2 NVMe Slot] C --> D B --> E[Status LED Indicator] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the RTL9210 and the RTL9210B chips?
    • ⤷ Does this enclosure support SATA-based M.2 drives?
    • ⤷ What is the maximum power draw for an SSD in this enclosure?