công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PV-C3F-R

  • AI
    The **M2PV-C3F-R** is a specific model of an external M.2 NVMe SSD Enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 NVMe drive into a portable high-speed external drive. Below is a breakdown of its electronic components, specifications, and architecture. --- ## 1. Core Technical Specifications The device acts as a bridge between the PCIe/NVMe protocol and the USB protocol. | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210 | | **Interface (Internal)** | M-Key / B+M Key (NVMe Only) | | **Interface (External)** | USB 3.1 Gen 2 Type-C | | **Data Transfer Rate** | Up to 10Gbps | | **Supported Capacity** | Up to 2TB | | **Protocol Support** | UASP (USB Attached SCSI Protocol) & TRIM | --- ## 2. Key Electronic Components ### A. The Bridge Controller (Realtek RTL9210) This is the "brain" of the device. The **RTL9210** is a specialized bridge chip that translates data between the **PCIe Gen3 x2** interface (from the SSD) and the **USB 3.1 Gen2** interface (to the computer). * **Power Management:** It features an integrated switching regulator for energy efficiency. * **Compatibility:** It is widely known for having better thermal management than older JMicron controllers. ### B. Thermal Management System Because NVMe drives generate significant heat during 10Gbps transfers, the M2PV-C3F-R includes: * **Aluminum Alloy Fin-Heat Sink:** The top cover is designed with "fins" to increase surface area for heat dissipation. * **PC + ABS Plastic Base:** Provides structural integrity while insulating the user from direct contact with the hot metal components. * **Thermal Pad:** A silicone pad bridges the gap between the SSD and the aluminum cover, acting as a thermal conductor. ### C. Power Circuitry The board contains voltage regulation modules (VRMs) to convert the **5V** provided by the USB port into the **3.3V** required by M.2 NVMe SSDs. This includes: * **Inductors and Capacitors:** For power filtering and noise reduction to ensure data stability. * **Over-current Protection:** Prevents the SSD from being damaged by power surges from the host device. --- ## 3. Physical Layout and Connector The internal PCB (Printed Circuit Board) features a multi-hole design to support various SSD lengths: 1. **2230** (30mm) 2. **2242** (42mm) 3. **2260** (60mm) 4. **2280** (80mm) - *Most common* --- ## 4. Operational Indicator The unit includes a **Blue LED Indicator**: * **Solid Light:** Power is connected/Standby mode. * **Flashing Light:** Data is being read or written. * **Sleep Mode:** The controller enters a "Smart Sleep" mode after 10 minutes of inactivity to preserve the lifespan of the SSD and save power. ---
    ✨ Follow-up Questions
    • ⤷ Does this enclosure support SATA M.2 drives or only NVMe?
    • ⤷ How does the RTL9210 controller compare to the JMS583 controller?
    • ⤷ What is the maximum real-world read/write speed for this model?