M2PV-C35-R/UL
AI

The **M2PV-C35-R/UL** is a high-performance M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 SSD into a portable external drive.
Below is a breakdown of its electronic components, technical specifications, and internal architecture.
---
## 1. Core Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Main Controller** | Realtek RTL9210 |
| **Output Interface** | USB 3.1 Gen2 Type-C |
| **Transmission Speed** | 10Gbps (Theoretical) |
| **Supported Protocols** | NVMe (PCIe) |
| **Input Interface** | M-Key / B&M-Key |
| **Max Capacity** | Up to 2TB |
---
## 2. Key Electronic Components
### A. The Bridge Controller (Realtek RTL9210)
The heart of this device is the **Realtek RTL9210**. This is a high-performance bridge chip that acts as a translator between the **PCIe NVMe** protocol of the SSD and the **USB 3.1** protocol of the computer.
* **Low Power Consumption:** It is known for having a lower operating temperature compared to older JMicron controllers.
* **UASP & Trim Support:** It supports USB Attached SCSI Protocol (UASP) for faster data transfers and TRIM commands to maintain SSD longevity.
### B. Power Management Circuitry
Since NVMe SSDs can draw significant power (especially during heavy writes), the PCB includes:
* **Step-down Converters (Buck Regulators):** Converts the 5V provided by the USB port to the 3.3V required by the M.2 SSD.
* **Over-current Protection:** Prevents the SSD from being damaged by power surges from the host device.
### C. PCB Design and Thermal Management
* **Copper Strips:** The internal PCB often features double-sided copper bars to help dissipate heat from the controller and the SSD.
* **LED Indicator:** A surface-mounted LED provides visual feedback on power status and data activity (blinking during read/write).
---
## 3. Physical & Material Construction
1. **Aluminum Alloy Shell:** The outer casing acts as a giant heatsink.
2. **Internal Fin Design:** The "C35" series often features a finned surface on the top cover to increase the surface area for passive cooling.
3. **Tool-Free or Screw-Lock:** Depending on the specific revision, it uses a sliding mechanism or screws to secure the internal PCB.
---
## 4. Compatibility Requirements
To achieve the advertised speeds, the electronic ecosystem must be compatible:
* **SSD Type:** Must be **NVMe M.2** (M-Key). It is generally *not* compatible with older SATA M.2 (B-Key) SSDs.
* **Host Port:** Must be plugged into a **USB 3.1 Gen2** or **Thunderbolt 3/4** port to reach the 1000MB/s limit.
---
- ⤷
What is the difference between the Realtek RTL9210 and the RTL9210B controller?
- ⤷ Does this enclosure support SATA-based M.2 SSDs?
- ⤷ How does the thermal throttling work in this specific model?