công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PV-C2SD-R

  • AI
    The **M2PV-C2SD-R** is a specific model of an external M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 SSD into a high-speed external portable drive. Below is a breakdown of the electronic components, technical specifications, and internal features. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210 | | **Input Interface** | M-Key / B&M-Key (NVMe Protocol) | | **Output Interface** | USB 3.1 Gen2 Type-C | | **Transmission Speed** | Up to 10Gbps | | **Supported Capacity** | Up to 2TB | | **Material** | Aluminum Alloy + ABS Plastic | | **Cooling** | Built-in Cooling Fan + Fin Heat Sink | --- ### 2. Key Electronic Components #### A. The Bridge Controller (Realtek RTL9210) The "brain" of the device is the **Realtek RTL9210**. This is a high-performance bridge chip that translates PCIe signals from the NVMe SSD into USB signals for your computer. * **UASP Support:** Includes USB Attached SCSI Protocol for faster data transfer speeds. * **TRIM Support:** Ensures the SSD manages unused data blocks efficiently to maintain long-term speed. * **Sleep Mode:** Automatically enters sleep after 10 minutes of inactivity to save power and reduce heat. #### B. Active Cooling System (The Fan) Unlike standard fanless enclosures, the "V" in M2PV indicates a cooling-focused design. * **Internal Fan:** A small, low-noise fan is integrated into the PCBA (Printed Circuit Board Assembly). * **Airflow Logic:** It draws heat away from the controller and the SSD flash chips, venting it through the aluminum fins. This prevents **thermal throttling**, where the SSD slows down to protect itself from overheating. #### C. Power Management Circuitry The board contains voltage regulators to convert the **5V DC** provided by the USB port into the **3.3V** required by most M.2 NVMe drives. It includes protection against: * Over-current * Short-circuits * Over-voltage --- ### 3. Physical Layout and Connectivity * **M.2 Slot:** Specifically designed for **2230, 2242, 2260, and 2280** form factors. * **Heat Dissipation:** Uses a combination of a thermal silicone pad (placed on the SSD) and an aluminum alloy plate to transfer heat to the external casing. * **LED Indicator:** A blue LED monitors the working status (Solid: Power On / Flashing: Data Reading/Writing). --- ### 4. Compatibility Note It is important to note the electronic protocol compatibility: * **Supported:** M.2 NVMe (PCIe protocol). * **NOT Supported:** M.2 SATA (NGFF protocol) or older mSATA drives. ---
    ✨ Follow-up Questions
    • ⤷Does the Realtek RTL9210 controller support firmware updates?
    • ⤷ How much power does the cooling fan consume from the USB port?
    • ⤷ What is the maximum SSD length compatible with the M2PV-C2SD-R?