công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PV-C2SB-R2

  • AI
    The **M2PV-C2SB-R2** is a specific hardware revision of an M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to bridge the gap between internal high-speed storage and external USB connectivity. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications | Component | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210 | | **Interface (Input)** | M.2 M-Key / B+M Key | | **Interface (Output)** | USB 3.1 Gen 2 Type-C | | **Supported Protocols** | NVMe (PCIe) | | **Data Transfer Rate** | Up to 10Gbps | | **Max Capacity** | 2TB (Typical) | --- ### 2. Key Electronic Components The "R2" designation often refers to a second revision of the PCB, typically optimizing power delivery or heat dissipation. #### A. The Bridge Controller (Realtek RTL9210) This is the "brain" of the device. It acts as a bridge between the **NVMe protocol** (PCIe) and the **USB 3.1 protocol**. - **UASP Support:** Includes USB Attached SCSI Protocol for faster data transfers and lower CPU utilization. - **TRIM Support:** Allows the OS to inform the SSD which blocks are no longer in use, extending the lifespan of the flash memory. #### B. Power Management Integrated Circuit (PMIC) Because NVMe drives can be power-hungry (often requiring 3.3V at high amperage), the PCB includes step-down voltage regulators. These convert the 5V supplied by the USB port into a stable 3.3V required by the M.2 SSD. #### C. Thermal Management The "PV" in the model name often refers to the **Plate Vent** design. - **PCB Thermal Vents:** The board usually features copper-lined holes to move heat from the drive to the aluminum casing. - **Passive Cooling:** The electronic design relies on a thermal pad to bridge the gap between the SSD controller and the metal outer shell. #### D. LED Indicator Circuit A small surface-mount (SMD) LED is integrated into the logic board to indicate: - **Solid Light:** Power is connected. - **Flashing Light:** Data read/write activity is occurring. --- ### 3. Safety & Protection Features The electronic layout includes several protection layers to safeguard your data: 1. **Over-current Protection:** Prevents the drive from drawing too much power and damaging the host computer. 2. **Short-circuit Protection:** Shuts down the controller if a fault is detected. 3. **Sleep Mode Logic:** The firmware is programmed to enter a low-power state after 10 minutes of inactivity to reduce heat and wear. ---
    ✨ Follow-up Questions
    • ⤷ Does the RTL9210 controller support SATA-based M.2 drives or only NVMe?
    • ⤷ What are the power requirements for a 2TB NVMe drive in this enclosure?
    • ⤷ How does the R2 revision differ from the original M2PV-C3 version?