công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PV-C2S6-R/Q

  • AI
    The **M2PV-C2S6-R/Q** is a specific model identifier for a high-performance M.2 NVMe SSD to USB-C 3.1 Gen 2 external enclosure, commonly manufactured by **ORICO**. Below is a breakdown of the electronic components, technical specifications, and internal architecture that define this device. --- ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210 | | **Interface** | USB 3.1 Gen 2 (Type-C) | | **Transfer Speed** | Up to 10Gbps (Theoretical) | | **Supported Protocols** | NVMe (PCIe) | | **SSD Form Factor** | M.2 M-Key / B+M Key (2230, 2242, 2260, 2280) | | **Power Management** | Auto-sleep (approx. 10 minutes) | --- ### 2. Key Electronic Components The "R/Q" variants typically refer to the internal bridge chip revision or specific regional packaging, but the primary electronic parts remain consistent: #### A. The Bridge Controller: Realtek RTL9210 The "brain" of the device is the **RTL9210**. This is a USB-to-PCIe bridge specifically designed to translate NVMe signals into USB protocol. - **Efficiency:** Known for lower power consumption compared to early JMicron controllers. - **UASP & TRIM:** Supports USB Attached SCSI Protocol (UASP) for faster data transfer and TRIM commands to maintain SSD longevity. #### B. The PCBA (Printed Circuit Board Assembly) The board features several critical sub-circuits: * **Voltage Regulator:** Converts the 5V input from the USB port down to the 3.3V required by NVMe SSDs. * **Filter Capacitors:** High-quality SMD (Surface Mount Device) capacitors are used to stabilize current and prevent data corruption during voltage spikes. * **Status LED:** A small SMD LED (usually blue) used to indicate power and data activity. #### C. Thermal Management System Because NVMe drives generate significant heat during 10Gbps transfers, the enclosure serves as a passive heat sink. * **Thermal Fin Design:** The "C2S6" model usually features a finned aluminum alloy chassis to increase surface area. * **Thermal Pad:** A silicone-based conductive pad transfers heat directly from the SSD controller to the aluminum shell. --- ### 3. Connection & Pinout The device utilizes a **USB-C interface**, which supports reversible plugging. Internally, the M.2 slot is keyed for **M-Key** or **B+M Key** drives. Note that it does *not* support older B-Key SATA M.2 drives. --- ### 4. Comparison of Variants | Part Suffix | Meaning | | :--- | :--- | | **M2PV** | Base series (Realtek Chipset focus) | | **C2S6** | Specific chassis design (Heat-dissipation fins) | | **R/Q** | Often designates internal revision or color (e.g., Red or Grey) |
    ✨ Follow-up Questions
    • ⤷ Does this enclosure support SATA M.2 drives as well?
    • ⤷ How does the RTL9210 chip compare to the JMicron JMS583?
    • ⤷ What is the maximum SSD capacity supported by the M2PV-C2S6?