M2PV-C1Z-R/UL
AI

The **M2PV-C1Z-R/UL** is a specialized electronic component, typically classified as a **Signal Converter** or **Transducer**, manufactured by **M-System (now MG CO., LTD.)**. It is part of the M2 series of plug-in signal conditioners.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
## 1. Core Specifications
The model code `M2PV-C1Z-R/UL` is a configuration string where each character defines a specific electronic attribute.
| Component Code | Specification Detail | Description |
| :--- | :--- | :--- |
| **M2PV** | Base Model | Power Multimeter / Phase Angle Transducer |
| **C1** | Input Type | AC Voltage (specifically designed for phase/power sensing) |
| **Z** | Output Type | Specify (Usually Custom or Current Output) |
| **R** | Power Input | 24V DC |
| **UL** | Certification | UL/cUL recognized for North American safety standards |
---
## 2. Electronic Architecture
This device functions by taking a high-level AC signal and converting it into a low-level DC signal suitable for PLC (Programmable Logic Controller) inputs or SCADA systems.
### A. Input Section
* **Galvanic Isolation:** The input is optically or transformer-isolated from the output and power supply to prevent ground loops and protect sensitive equipment.
* **Measurement Range:** Typically designed to handle standard industrial AC voltages (e.g., 110V/220V AC).
### B. Output Section
* **Signal Type:** Most "Z" configurations in this series are calibrated for **4–20 mA DC** or **1–5V DC**.
* **Load Resistance:** If the output is current (4-20mA), it generally supports a drive capability of up to 750Ω.
### C. Power Supply (`R`)
* **Voltage:** 24V DC.
* **Tolerance:** Operates within ±10% ripple.
* **Consumption:** Approximately 2W to 3W.
---
## 3. Physical & Safety Characteristics
* **Housing:** Plug-in style base. This allows the electronic module to be replaced without disconnecting the wiring from the terminal block.
* **Isolation Resistance:** Minimum of 100 MΩ at 500V DC.
* **Dielectric Strength:** Usually rated for 2000V AC for 1 minute (Input to Output to Power to Ground).
---
## 4. Pin Configuration (Typical)
*Note: Always verify with the specific wiring diagram on the side of the unit.*
```text
[ Terminal Layout ]
1. Output (+)
2. Output (-)
3. Unused/Ground
4. Input (U)
5. Input (V)
6. Power (24V +)
7. Power (24V -)
8. Ground
```
---
- ⤷
What is the exact input voltage range for the C1 configuration?
- ⤷ Can this unit be mounted on a standard DIN rail?
- ⤷ Does the UL certification change the electrical wiring requirements?