công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PV-C1SD-R2/N

  • AI
    Based on the model number **M2PV-C1SD-R2/N**, this device is an **M.2 NVMe SSD Enclosure** (likely manufactured by ORICO). It is designed to convert an internal M.2 SSD into a high-speed external portable drive. Below is an explanation of the electronic components and technical specifications associated with this hardware. --- ### 1. Technical Specifications The device acts as a bridge between the PCIe/NVMe protocol and the USB protocol. | Feature | Specification | | :--- | :--- | | **Interface (External)** | USB 3.1 Gen 2 Type-C | | **Interface (Internal)** | M.2 M-Key / B+M Key | | **Protocol Support** | NVMe (PCIe) | | **Transfer Speed** | Up to 10Gbps | | **Controller Chip** | Realtek RTL9210 or JMicron JMS583 (Common variants) | | **Form Factor Support** | 2230, 2242, 2260, 2280 | --- ### 2. Key Electronic Components #### A. Bridge Controller (The "Brain") The most critical electronic part is the **Bridge IC**. This chip handles the translation of data packets from NVMe (used by the SSD) to USB Mass Storage Class or UASP (USB Attached SCSI Protocol). - **RTL9210:** Often used in this specific series because it offers lower operating temperatures and high compatibility. - **UASP Support:** Ensures faster data transfer and lower CPU utilization. #### B. Power Management Circuitry Since NVMe SSDs can be power-hungry (drawing up to 3.3V at several Amps), the PCB includes: - **DC-to-DC Buck Converter:** Steps down the 5V provided by the USB port to the 3.3V required by the SSD. - **Voltage Regulators:** Ensure stable current to prevent data corruption during high-load read/write cycles. #### C. Thermal Management Electronic components in NVMe enclosures generate significant heat. This specific model typically features: - **Aluminum Alloy Shell:** Acts as a heat sink. - **Thermal Pads:** Placed between the SSD and the enclosure to transfer heat away from the controller and NAND chips. - **Internal Cooling Fan:** The "SD" in the model often signifies a built-in active cooling fan to prevent thermal throttling. #### D. Protection Circuitry - **Over-current Protection (OCP):** Prevents the drive from drawing too much power from the host. - **Short-circuit Protection:** Protects both the SSD and the computer in case of a hardware failure. --- ### 3. Connection and Logic The **Type-C interface** on this board supports "Reversible Plug" logic. It includes CC (Configuration Channel) pins that negotiate the power delivery and data orientation with the host computer (e.g., Laptop or PC).
    ✨ Follow-up Questions
    • ⤷ Does this enclosure support SATA-based M.2 drives or only NVMe?
    • ⤷ What is the benefit of the built-in fan in the M2PV series?
    • ⤷ Is this enclosure compatible with Thunderbolt 3 ports?