công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PV-C1S0-R2/UL

  • AI
    The **M2PV-C1S0-R2/UL** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a **Photo-MOSFET Relay**, often manufactured by companies like OMRON. These parts are designed for high-reliability switching in industrial and automation environments. ### Technical Specifications Overview The following table outlines the typical electrical characteristics for this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Photo-MOSFET | | **Input Type** | DC Voltage (Control side) | | **Output Type** | AC/DC Load Switching | | **Load Voltage Range** | Typically up to 60V - 200V (Model specific) | | **Load Current** | High sensitivity, low leakage current | | **Isolation Voltage** | High Dielectric Strength (UL certified) | | **Mounting Type** | PCB Mount / Through-hole | --- ### Core Electronic Components & Architecture The device is composed of three primary internal stages that allow it to function as a non-mechanical switch: #### 1. Input Side (Emitter) * **Infrared LED:** When a control voltage is applied to the input pins, this internal LED emits light. This provides **optical isolation**, ensuring the control circuit is electrically separated from the high-power load circuit. #### 2. Isolation Barrier * **Opto-coupling Layer:** A transparent silicone or resin layer that allows light to pass through but blocks electricity, providing high surge protection (often rated for several kilovolts). #### 3. Output Side (Detector & Power Switch) * **Photodiode Array:** This component converts the light from the LED back into a small voltage. * **MOSFET Pair:** The generated voltage triggers the gates of two power MOSFETs connected in an inverse-series configuration. This allows the relay to switch both **AC and DC** loads with minimal "on-resistance" and no mechanical wear. --- ### Key Features and Advantages * **UL Certification:** The `/UL` suffix indicates the part meets Underwriters Laboratories safety standards for flame retardancy and electrical safety. * **No Contact Bounce:** Unlike mechanical relays, there are no moving parts, eliminating electrical noise and mechanical failure. * **Low Power Consumption:** Requires very little current to trigger the internal LED. * **Compact Form Factor:** Designed for dense PCB layouts where traditional relays would be too bulky. --- ### Typical Applications 1. **Industrial PLC I/O:** Interfacing logic controllers with field sensors. 2. **Data Acquisition:** High-speed switching for signal routing. 3. **Medical Equipment:** Where high isolation and silent operation are critical. 4. **Security Systems:** Control of alarms or low-voltage door locks.
    ✨ Follow-up Questions
    • ⤷ What are the specific input voltage requirements for the M2PV series?
    • ⤷ How does a Photo-MOSFET relay differ from a standard electromagnetic relay?
    • ⤷ What is the maximum switching frequency for this component?