công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PV-C16-R2/Q

  • AI
    The **M2PV-C16-R2/Q** is a specific variant of a professional-grade M.2 NVMe SSD enclosure, typically manufactured by **ORICO**. This device acts as a bridge between an internal M.2 SSD and an external USB port (usually USB-C). Below is a breakdown of its electronic components and technical architecture. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210B (High-performance Bridge) | | **Interface (Input)** | M.2 M-Key / B&M-Key | | **Interface (Output)** | USB 3.2 Gen2 Type-C | | **Supported Protocols** | NVMe (PCIe) and SATA (NGFF) | | **Data Transfer Rate** | Up to 10Gbps (NVMe) / 6Gbps (SATA) | | **Max Capacity** | Up to 2TB - 4TB (depending on firmware) | --- ### 2. Core Electronic Components The "Electronic Parts" of this device consist of a Printed Circuit Board (PCB) populated with several critical surface-mount devices (SMD): #### A. The Bridge Controller (The Brain) The heart of the unit is the **Realtek RTL9210B**. This is a dual-protocol bridge chip. - **Function:** It translates the PCIe/NVMe or SATA signals from the SSD into USB 3.2 signals that a computer can understand. - **Power Management:** It includes integrated switching regulators to improve energy efficiency and reduce heat. #### B. Power Management Integrated Circuit (PMIC) Since M.2 NVMe drives require significant power (usually 3.3V at up to 2.5A), the PCB contains: - **Step-down Converters (Buck Regulators):** These convert the 5V supplied by the USB port down to a stable 3.3V for the SSD. - **Filtering Capacitors:** Multiple SMD ceramic capacitors are used to smooth out voltage ripples and prevent data corruption during high-speed transfers. #### C. PCB Design and Thermal Management - **Copper Traces:** The board uses high-speed differential pair routing for the USB and PCIe lanes to maintain signal integrity. - **Vias:** Small holes in the PCB used to pull heat away from the controller chip to the aluminum casing. - **LED Indicator:** A small SMD LED (usually blue or white) that indicates power status and data activity via a GPIO pin on the controller. --- ### 3. Safety and Logic Features 1. **UASP & TRIM Support:** The firmware on the controller chip supports *USB Attached SCSI Protocol* (UASP) for faster data speeds and *TRIM* commands to extend the lifespan of the SSD. 2. **Over-current Protection:** The electronic circuit includes a fuse or a sensing resistor to shut down power if the SSD draws too much current, protecting the host computer's motherboard. 3. **Auto-Sleep Function:** The logic circuit is programmed to enter a low-power state after 10 minutes of inactivity to prevent overheating and electronic wear. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RTL9210 and RTL9210B controllers?
    • ⤷ Does this enclosure support double-sided M.2 SSDs?
    • ⤷ How does the thermal pad placement affect the electronic longevity of the device?