công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PV-C10-R/Q

  • AI
    The **M2PV-C10** (often part of the ORICO M.2 NVMe SSD Enclosure series) is a portable storage interface bridge. Its primary function is to convert the **M.2 NVMe (PCIe)** protocol into a **USB 3.1 Gen 2** protocol, allowing high-speed data transfer between internal SSDs and external devices. Below is a breakdown of the electronic components and technical specifications. --- ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210 or JMS583 (Variation dependent) | | **Output Interface** | USB 3.1 Gen 2 Type-C | | **Input Interface** | M-Key / B+M Key (NVMe Only) | | **Transmission Speed** | Up to 10Gbps | | **Supported Capacities** | Up to 2TB | | **Protocol Support** | UASP (USB Attached SCSI Protocol) & TRIM | --- ### 2. Key Electronic Components The PCB (Printed Circuit Board) of this device typically consists of the following critical sections: #### A. The Bridge Controller The "brain" of the device is an integrated circuit (IC) that handles the translation of data packets. * **Function:** It maps PCIe lanes to USB channels. * **Thermal Management:** These chips generate significant heat during 10Gbps transfers, which is why the enclosure usually features an aluminum finned heat sink. #### B. Power Management Integrated Circuit (PMIC) * **Voltage Regulation:** Converts the 5V supplied by the USB port down to the **3.3V** required by NVMe M.2 SSDs. * **Protection:** Includes over-current and short-circuit protection to prevent damage to the host computer or the SSD. #### C. Connectivity & PCB Design * **Filter Capacitors:** Small surface-mount capacitors that smooth out voltage ripples, ensuring stable data transmission. * **Clock Oscillator:** Provides the timing frequency (usually 25MHz or 30MHz) required for the controller to sync data. * **LED Indicator:** A small SMD LED that indicates power status (solid) and data activity (flashing). --- ### 3. Structural & Cooling Components Because NVMe drives run hot, the electronic design is integrated into a specific thermal chassis: 1. **Aluminum Alloy Plate:** Acts as a passive radiator. 2. **PC Material Bottom:** Provides insulation and impact resistance. 3. **Thermal Pad:** A soft conductive material placed between the SSD and the electronic controller/enclosure to facilitate heat transfer. --- ### 4. Compatibility Note It is important to distinguish the electronic compatibility: * **Supported:** M.2 NVMe (M-Key). * **Not Supported:** M.2 SATA (B-Key/NGFF) or older mSATA standards.
    ✨ Follow-up Questions
    • ⤷ What is the performance difference between the RTL9210 and JMS583 controllers?
    • ⤷ Does this enclosure support firmware updates to improve SSD compatibility?
    • ⤷ Can I use this device with a Thunderbolt 3 port?