M2PRU-H7R-R/CE
AI

The **M2PRU-H7R-R/CE** is a specific model within the series of industrial interface modules, typically associated with **M-System (now MG CO., LTD)**. These devices are used in industrial automation for signal conditioning and remote I/O communication.
---
### 1. Device Overview
The M2PRU series is designed as a **Universal Temperature Transmitter** or **Programmable Transmitter**. It converts a temperature or DC input into a standard industrial signal (such as 4-20mA or 0-10V).
### 2. Electronic Specifications & Parts Breakdown
Based on the nomenclature `M2PRU-H7R-R/CE`, the electronic components and configurations are detailed below:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Input Type** | Universal | Supports Thermocouples, RTDs, and DC mV/V. |
| **Power Input (H)** | 100 – 240V AC | High voltage AC power supply stage. |
| **Output (7)** | 4 – 20 mA DC | Current loop output (Standard industrial signal). |
| **Auxiliary Output (R)** | Relay Output | Provides an alarm or status relay contact. |
| **Control Power (R)** | 24V DC / AC | Secondary power option or internal rail config. |
| **Certification (/CE)** | CE Marking | Compliant with European safety and EMC standards. |
---
### 3. Key Internal Electronic Sections
1. **Analog-to-Digital Converter (ADC):**
The front end contains a high-precision ADC to digitize sensitive low-voltage signals from sensors (e.g., K-type thermocouples or Pt100 RTDs).
2. **Microcontroller (MCU):**
Processes the digitized signal, applies linearization tables (for non-linear sensors), and manages the configuration logic.
3. **Isolation Barrier:**
Uses optocouplers or magnetic transformers to provide **three-way isolation** (Input to Output to Power). This protects the control system from high-voltage surges and ground loops.
4. **Digital-to-Analog Converter (DAC):**
Converts the processed digital data back into a precise analog current (4-20mA) for long-distance transmission.
5. **Surge Protection:**
Integrated varistors and zener diodes at the input terminals to handle electromagnetic interference (EMI) typical in industrial environments.
---
### 4. Mounting and Physical Interface
* **Form Factor:** Plug-in base construction.
* **Connection:** M3.5 screw terminals.
* **Indicators:** LED status lights for power and alarm status.
* **Configuration:** Usually programmed via a PC (using a dedicated interface cable) or via front-panel DIP switches/buttons.
- ⤷
What are the specific wiring diagrams for the 4-20mA output?
- ⤷ How do I calibrate the M2PRU using a PC interface?
- ⤷ What is the isolation voltage rating for this specific model?