công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PRU-H7P-R

  • AI
    The **M2PRU-H7P-R** is a specific industrial-grade interface module, typically associated with the **Mitsubishi Electric MELSEC-Q Series** or related PLC (Programmable Logic Controller) expansion systems. It is primarily used as a remote I/O adapter or a high-speed communication link interface. Below is a breakdown of its electronic components and technical characteristics. --- ### 1. General Specifications The module serves as a bridge between a master controller and peripheral equipment, ensuring signal integrity over distance. | Parameter | Description | | :--- | :--- | | **Type** | Remote I/O / Network Interface Module | | **Mounting** | DIN Rail or Panel Mount | | **Connectivity** | Proprietary Link (typically RS-485 or Fiber based) | | **Operating Voltage** | 24V DC (typical for industrial logic) | | **Signal Protection** | Optoisolation / Galvanic Isolation | --- ### 2. Core Electronic Components The internal circuitry of the M2PRU-H7P-R is designed for high reliability in electrically "noisy" environments (EMI/RFI). #### A. Communication Controller (ASIC) At the heart of the module is a specialized **Application-Specific Integrated Circuit (ASIC)**. This chip handles the protocol overhead, error checking (CRC), and data packet synchronization between the CPU and the remote terminal. #### B. Isolation Barriers To prevent high-voltage surges from damaging the PLC backplane, the module utilizes: * **Optocouplers:** Convert electrical signals to light and back to electricity to provide galvanic isolation. * **Magnetic Isolators:** High-speed digital isolators used for data lines. #### C. Power Management Section * **DC-DC Converters:** Steps down the 24V input to 5V or 3.3V for the internal logic. * **Smoothing Capacitors:** High-grade electrolytic and ceramic capacitors to filter ripple voltage. * **TVS Diodes:** Transient Voltage Suppression diodes to protect against electrostatic discharge (ESD). #### D. Physical Interface (Connectors) * **Terminal Blocks:** Usually high-density screw or spring-clamp terminals for I/O wiring. * **Status LEDs:** Indicators for **RUN**, **ERROR**, and **COMM** (Data transmission status). --- ### 3. Key Electronic Features 1. **Noise Immunity:** Integrated low-pass filters on input lines to prevent false triggering from industrial motor noise. 2. **Redundancy Support:** The "R" suffix often denotes specific compatibility with redundant system architectures or specific RoHS compliance standards depending on the manufacturing batch. 3. **Hot-Swapping Logic:** Circuitry that allows the module to be detected or removed without crashing the entire communication bus. --- ### 4. Circuit Diagram Logic (Simplified) ```mermaid graph LR A[External Sensors/Field] --> B[Input Protection/Filter] B --> C[Opto-Isolation] C --> D[Logic Processing ASIC] D --> E[Bus Interface/Transceiver] E --> F[PLC Master CPU] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the M2PRU-H7P-R power supply?
    • ⤷ Which Mitsubishi PLC series is this module most compatible with?
    • ⤷ How do you troubleshoot a 'COMM' error light on this specific module?