M2PRU-H7A-R2/Q
AI

The **M2PRU-H7A-R2/Q** is a specific industrial-grade M.2 expansion module (typically a riser or bridge board) designed for embedded systems and industrial PCs. It is primarily used to interface between an M.2 slot and other peripheral signals, often involving serial communication or GPIO extensions.
---
## 1. Technical Specifications Overview
Below are the core electronic characteristics of the module:
| Component / Feature | Description |
| :--- | :--- |
| **Form Factor** | M.2 (Type 2242 or 2280 depending on specific mounting) |
| **Interface** | PCIe or USB signal routing via M.2 M-Key or B-Key |
| **Controller IC** | Often based on an FTDI or Prolific chipset for I/O bridging |
| **Input Voltage** | 3.3V (Supplied via M.2 slot) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Connectors** | 1x M.2 Gold finger, 1x Internal Header (typically 10-pin or 20-pin) |
---
## 2. Key Electronic Components
### A. The Bridge Controller
The heart of this module is the **Bridge IC**. Its role is to translate the high-speed differential signals from the M.2 interface into usable peripheral signals.
* **Signal Translation:** Converts PCIe/USB logic levels to UART, RS-232, or RS-485.
* **Buffer Memory:** Contains small internal buffers to prevent data loss during high-speed bursts.
### B. Power Management Circuitry
Since the M.2 slot provides a steady **3.3V DC**, the board contains:
* **LDO Regulators:** Low-Dropout regulators to provide stable 1.8V or 1.2V for the internal logic of the controller.
* **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) placed near the power pins to filter out high-frequency noise.
### C. Signal Protection & ESD
Given its industrial application ("Q" suffix often denotes quality/industrial testing):
* **TVS Diodes:** Transient Voltage Suppression diodes protect the external I/O pins from static electricity (ESD) and surges.
* **Magnetic/Optical Isolation (Optional):** Some variants include optocouplers to prevent ground loops between the PC and the connected industrial hardware.
---
## 3. Pinout Logic and Signal Flow
The electronic flow follows a structured path from the host (PC) to the external device:
1. **Host Interface:** M.2 Gold Fingers (Power + Differential Data Pairs).
2. **Conversion Layer:** Bridge IC processes the protocol.
3. **Level Shifting:** Transceivers adjust voltage levels (e.g., to 5V or 12V for RS-232).
4. **Output:** Physical pin header or DB9 connector.
---
## 4. Usage Considerations
| Aspect | Recommendation |
| :--- | :--- |
| **Driver Support** | Requires specific drivers for the Bridge IC (e.g., Windows VCP drivers). |
| **Mechanical Fit** | Ensure the M.2 Key (M, B, or B+M) matches your motherboard slot. |
| **Heat Dissipation** | While low power, ensure airflow if used in a fanless enclosure. |
- ⤷
What is the specific Bridge IC model used in the M2PRU-H7A series?
- ⤷ Does this module support RS-485 hardware flow control?
- ⤷ What is the maximum baud rate for the serial output on this board?