M2PRU-H4N-R2/C
AI

The **M2PRU-H4N-R2/C** is a specialized industrial electronic component, typically categorized as a **Transducer or Signal Converter**, often used in automation and power monitoring systems.
### 1. General Specifications
This device is part of the M2 series, designed to convert heavy electrical signals (like AC voltage or current) into manageable DC signals for PLCs (Programmable Logic Controllers) or digital displays.
| Feature | Specification |
| :--- | :--- |
| **Model Type** | M2PRU (Power/Universal Transducer) |
| **Input Signal** | AC Current / Voltage (Model specific) |
| **Output Signal** | DC Current (e.g., 4-20mA) or DC Voltage (e.g., 1-5V) |
| **Power Supply** | AC/DC Universal Power (H4 usually denotes 100-240V AC) |
| **Response Time** | Fast (Typically <0.5 seconds) |
| **Mounting** | DIN Rail / Surface Mount |
---
### 2. Breakdown of the Model Code
The alphanumeric string indicates specific hardware configurations:
* **M2**: Refers to the series/housing style (Plug-in base).
* **PRU**: Represents the functional category (often "Programmable" or "Power Unit" depending on the specific manufacturer, such as M-System).
* **H4**: Usually indicates the **Power Input** range (High Voltage AC/DC).
* **N**: Represents the output type (often "None" for specific auxiliary ports or a standard code for standard output).
* **R2**: Refers to the communication or relay configuration (e.g., RS-485 or 2nd channel).
* **C**: Typically denotes a **Conformal Coating** for moisture and dust protection in harsh environments.
---
### 3. Key Electronic Components Inside
Inside the M2PRU-H4N-R2/C, you will find the following core electronic subsystems:
1. **Isolation Transformer:** Provides galvanic isolation between the high-voltage input and the low-voltage output to protect control equipment.
2. **Rectifier and Filter Circuit:** Converts AC input into a stable internal DC voltage.
3. **A/D Converter (Analog-to-Digital):** Samples the physical electrical signal and converts it into data for the microprocessor.
4. **Operational Amplifiers (Op-Amps):** Used for signal conditioning and ensuring the output signal remains linear and accurate.
5. **Microcontroller:** Manages the calibration logic and governs the communication protocols (if R2 indicates RS-485).
---
### 4. Typical Application Circuit
When wiring this part, it acts as a "bridge" between the power line and the controller:
```mermaid
graph LR
A[Power Line 440V AC] --> B[M2PRU Transducer]
B --> C[4-20mA DC Signal]
C --> D[PLC / SCADA System]
```
- ⤷
What is the exact input voltage range for the H4 power supply code?
- ⤷ Does this model support Modbus RTU communication?
- ⤷ How do I calibrate the zero and span on this specific unit?