M2PRU-C7R-R/UL
AI

The **M2PRU-C7R-R/UL** is a specialized industrial-grade power supply unit (PSU) or power distribution module, typically used in high-availability server environments or networking equipment. It is designed to be a hot-swappable component that ensures redundant power delivery.
---
### Technical Specifications and Electronic Profile
| Feature | Specification |
| :--- | :--- |
| **Component Type** | AC-DC Power Supply Module |
| **Form Factor** | Proprietary Hot-Swap (Commonly for 1U/2U Chassis) |
| **Input Voltage Range** | 100V - 240V AC (Universal Input) |
| **Efficiency Rating** | Typically 80 PLUS Gold or Platinum equivalent |
| **Redundancy** | N+1 Support |
| **Compliance** | UL (Underwriters Laboratories) Certified, RoHS |
### Key Electronic Sub-systems
1. **EMI/RFI Filtering Stage**:
The input section contains capacitors and inductors (chokes) to filter out electromagnetic interference from the AC line and prevent the power supply from injecting noise back into the grid.
2. **PFC (Power Factor Correction)**:
It utilizes Active PFC circuits to ensure that the input current waveform is in phase with the voltage, maximizing energy efficiency and reducing reactive power loss.
3. **DC-DC Conversion**:
The module converts high-voltage DC (from the rectified AC) into regulated low-voltage rails (usually +12V) using high-frequency switching transformers and MOSFETs.
4. **Protection Circuitry**:
* **OVP (Over Voltage Protection)**: Shuts down the unit if voltage exceeds safe limits.
* **OCP (Over Current Protection)**: Prevents damage from short circuits or excessive load.
* **OTP (Over Temperature Protection)**: Thermal sensors trigger a shutdown if the internal heatsinks overheat.
### Physical Features
* **LED Indicators**: Usually features a bi-color LED (Green/Amber) to indicate "Power Good," "Standby," or "Fault" status.
* **Handle & Latch**: Designed for tool-less removal while the system is running (Hot-Swapping).
* **Cooling**: Includes an internal high-static pressure fan to manage thermal dissipation.
---
### Usage Context
These modules are frequently found in **Storage Area Networks (SAN)**, **Blade Servers**, and **Telecommunication Racks**. The "R" in the suffix often denotes "Redundant" or a specific "Revision" compatible with UL safety standards for North American markets.
- ⤷
What is the maximum wattage output for the M2PRU-C7R-R/UL?
- ⤷ Is this power supply compatible with specific server brands like Dell or HP?
- ⤷ How do I troubleshoot a solid amber light on this module?