M2PRU-C7N-R2/Q
AI

The **M2PRU-C7N-R2/Q** is a specific variant of an industrial-grade M.2 (NGFF) Solid State Drive (SSD), typically manufactured by companies like **Apacer**. These drives are designed for embedded systems, industrial automation, and server environments where reliability is more critical than raw consumer speeds.
---
### 1. Key Technical Specifications
The part number indicates a specific hardware configuration involving the controller, flash type, and physical interface.
| Feature | Specification Details |
| :--- | :--- |
| **Form Factor** | M.2 2280 (80mm length) |
| **Interface** | PCIe Gen3 x4 |
| **Protocol** | NVMe 1.3 |
| **NAND Flash Type** | 3D TLC (Triple-Level Cell) |
| **Capacity Range** | Typically 120GB to 1.92TB (Specific to the "C7N" suffix) |
| **Connector Key** | M-Key |
---
### 2. Internal Electronic Components
The architecture of this module consists of three primary electronic blocks:
#### A. The Controller (The Brain)
The controller manages data flow between the PCIe interface and the NAND flash.
* **Flash Management:** Handles Error Correction Code (ECC), wear leveling, and bad block management.
* **Thermal Throttling:** Monitors internal temperature sensors to adjust performance and prevent hardware damage.
#### B. 3D TLC NAND Flash (Storage)
Unlike consumer drives, the "Q" or industrial designation often implies:
* **Higher Endurance:** Optimized firmware to increase the P/E (Program/Erase) cycles.
* **Wide Temperature Support:** Components are often rated for -40°C to +85°C (if specified as industrial wide-temp).
#### C. Power Management Circuitry
* **Voltage Regulators:** Converts the 3.3V input from the M.2 slot into lower voltages (typically 1.8V and 1.2V) for the NAND and Controller.
* **Protection:** Includes over-current and over-voltage protection circuits to ensure data integrity during power fluctuations.
---
### 3. Industrial Features
The "R2/Q" suffix usually denotes specific revisions or specialized features:
1. **End-to-End Data Protection:** Ensures data integrity from the host system to the NAND and back.
2. **S.M.A.R.T. Monitoring:** Advanced telemetry for predicting drive failure before it occurs.
3. **Conformal Coating (Optional):** Many parts in this series offer an optional chemical coating to protect the PCB from moisture, dust, and chemicals.
---
### 4. Application Areas
| Industry | Usage |
| :--- | :--- |
| **Industrial PC** | High-speed OS booting and logging in harsh environments. |
| **Medical** | Reliable storage for imaging devices (MRI/CT scans). |
| **Transportation** | In-vehicle surveillance and data logging. |
- ⤷
What is the exact storage capacity of the C7N-R2/Q variant?
- ⤷ Does this model support hardware-based AES-256 encryption?
- ⤷ What is the Terabytes Written (TBW) rating for this specific drive?