công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PRU-C4N-R/UL

  • AI
    ### Analysis of the M2PRU-C4N-R/UL The **M2PRU-C4N-R/UL** is a specific electronic component within the industrial automation sector, manufactured by **Autonics**. It belongs to the **M2PR series**, which consists of high-quality **Ø22/25 mm Round Push Button Switches**. --- ### 1. Technical Specifications The part number can be broken down to understand its specific electronic and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Series** | M2PR (Round Push Button Switch) | | **Actuator Shape** | Extended (Protruding) Round | | **Illumination** | Non-Illuminated | | **Contact Block** | 1 Normally Open (NO) + 1 Normally Closed (NC) | | **Operation Type** | Momentary (Spring Return) | | **Button Color** | Red (indicated by the 'R') | | **Mounting Hole** | Ø22/25 mm (Dual compatibility) | | **Certification** | UL Listed (indicated by '/UL') | --- ### 2. Internal Electronic Components While the device is a mechanical switch, it contains several critical electronic/electrical sub-parts: #### A. Contact Blocks * **Material:** Often silver-plated or gold-clad to ensure high conductivity and resistance to oxidation. * **Action:** Slow-make/Slow-break mechanism. * **Ratings:** Typically rated for **110VAC / 10A** or **220VAC / 5A**, making it suitable for pilot circuits and PLC inputs. #### B. Terminal Design * **Type:** Screw terminals with captive washers. * **Wiring:** Designed for easy integration with crimp lugs or solid wire, ensuring a vibration-resistant electrical connection. #### C. Insulation Structure * **Material:** High-durability plastic (Polyamide or Polycarbonate). * **Dielectric Strength:** Usually tested up to 2,500 VAC for 1 minute to prevent electrical arcing between the contacts and the operator. --- ### 3. Application and Usage This part is commonly used in industrial control panels for the following purposes: 1. **Manual Signal Input:** Sending a "Start" or "Stop" signal to a PLC (Programmable Logic Controller). 2. **Safety Interlocks:** Utilizing the NC (Normally Closed) contact for basic safety stop functions (though not a substitute for an E-Stop). 3. **Circuit Isolation:** Temporarily breaking or completing a low-voltage control circuit. --- ### 4. Circuit Diagram Representation In a standard electrical schematic, the M2PRU-C4N-R/UL would be represented as follows: ```text Momentary Switch (Red) --------------------------- (NO) 3 o----/ ----o 4 (Normally Open) (NC) 1 o----|/----o 2 (Normally Closed) ```
    ✨ Follow-up Questions
    • ⤷ What is the environmental protection rating (IP rating) for this Autonics switch?
    • ⤷ Can the contact blocks on this model be replaced or expanded?
    • ⤷ How does the /UL certification affect the electrical rating compared to the standard model?