M2PRU-A27P-R2/CE
AI

The **M2PRU-A27P-R2/CE** is a specialized industrial-grade **M.2 (SATA) Power Loss Protection (PLP) module**, typically utilized in embedded computing, industrial automation, and server environments. This device is designed to act as an intermediary or a dedicated backup unit to ensure data integrity during sudden power failures.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 2280 (80mm length) |
| **Interface** | SATA III (6.0 Gbps) / Power Rail management |
| **Primary Function** | Power Loss Protection (PLP) / UPS for SSDs |
| **Energy Storage** | High-reliability Tantalum Capacitors |
| **Operating Temperature** | Standard (0°C to 70°C) or Industrial (-40°C to 85°C) |
| **Input Voltage** | 3.3V / 5V DC |
---
### 2. Main Electronic Components
The module's architecture is focused on energy storage and power management rather than data storage itself.
#### A. Energy Storage (Tantalum Capacitors)
Unlike standard consumer SSDs, this module features a bank of high-capacitance **Polymer Tantalum Capacitors**.
- **Purpose:** They store enough electrical charge to keep the connected drive powered for several milliseconds after a power cut.
- **Benefit:** This provides the "hold-up time" necessary for the SSD controller to flush the DRAM cache to the NAND flash memory, preventing data corruption.
#### B. Power Management Integrated Circuit (PMIC)
The board contains a sophisticated PMIC that handles:
- **Voltage Regulation:** Ensuring a stable 3.3V output to the drive.
- **Inrush Current Limiting:** Preventing a massive surge of current when the capacitors begin charging.
- **Discharge Control:** Managing the flow of energy from the capacitors to the drive during a failure event.
#### C. Detection Circuitry
The module includes a **Power Fail Detection (PFD)** circuit. This component monitors the input voltage levels constantly. If the voltage drops below a specific threshold (e.g., 2.9V), it instantly triggers the switch-over to capacitor power.
---
### 3. Usage Context & Implementation
This part is typically used in conjunction with **Innodisk** or similar industrial storage solutions. It is designed for "Mission Critical" applications where:
1. **Unstable Power:** The electrical grid is unreliable.
2. **Data Integrity:** "Mapping Tables" and "In-flight Data" must be protected to prevent the SSD from becoming "bricked" (unusable) after a hard shutdown.
3. **Space Constraints:** A full-sized UPS is not feasible, so the protection must reside on the M.2 bus.
---
### 4. Hardware Pinout Considerations
While it uses the M.2 physical slot, its pin assignment is optimized for power delivery. It often uses the **SATA standard pinout** but focuses heavily on the 3.3V pins to provide the backup rail.
- ⤷
What is the typical hold-up time provided by this module for a standard SSD?
- ⤷ Can this module be used with NVMe drives or is it strictly for SATA?
- ⤷ How does the MTBF of tantalum capacitors compare to electrolytic capacitors in this device?