công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PRU-A27P-R/CE

  • AI
    The **M2PRU-A27P-R/CE** is a specialized electronic component, specifically a **Solid State Interface Relay** (often part of a broader monitoring or signal conditioning series) manufactured by companies like **Carlo Gavazzi** or similar industrial automation providers. Below is a detailed breakdown of its electronic characteristics and functional parts. --- ### 1. General Specifications This device is designed for industrial DIN-rail mounting and is used for interfacing control signals with power loads or monitoring specific electrical parameters. | Feature | Description | | :--- | :--- | | **Type** | Phase Monitoring Relay / Interface Module | | **Mounting** | DIN-rail (Standard 35mm) | | **Housing** | IP20 protected plastic enclosure | | **Terminal Type** | Screw terminals for secure wiring | | **Standard** | CE marked (Complies with European safety/EMC standards) | --- ### 2. Electronic Component Breakdown The internal circuitry of this module typically consists of several functional blocks: #### A. Input Conditioning Circuit * **Voltage Divider/Transformer:** Scales down the high-voltage AC input to a level safe for the internal logic. * **Rectifier & Filter:** Converts the AC input signal into a stable DC voltage to power the internal comparators and logic gates. #### B. Monitoring & Logic Core * **Precision Comparators:** These electronic parts compare the incoming line voltage against pre-set thresholds (Over-voltage, Under-voltage, or Phase loss). * **Timing Circuits (RC Networks):** Used to create "Trip Delays." These prevent the relay from switching due to momentary voltage spikes or "noise." * **Potentiometers:** External dials on the faceplate allow users to manually adjust the resistance in the timing or threshold circuits, changing the trip points. #### C. Output Stage * **Electromechanical Relay or Optoisolator:** This provides galvanic isolation between the sensing circuit and the external control circuit. * **Contacts:** Usually SPDT (Single Pole Double Throw) rated for 5A to 8A at 250VAC. --- ### 3. Pinout and Connection Logic The device generally follows a standardized numbering system for industrial relays: | Terminal No. | Function | Description | | :--- | :--- | :--- | | **L1, L2, L3** | Line Inputs | Connection for the phases being monitored. | | **11 (or 15)** | Common | The shared terminal for the output switch. | | **12 (or 16)** | NC Contact | Normally Closed; opens when a fault is detected. | | **14 (or 18)** | NO Contact | Normally Open; closes when the system is healthy. | --- ### 4. Key Electronic Protections * **Varistors (MOVs):** Internal Metal Oxide Varistors protect the electronics from high-voltage transients (surges). * **Hysteresis Logic:** Electronic feedback that prevents "chattering" (rapid switching) when the measured voltage is hovering exactly at the threshold. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the M2PRU-A27P-R/CE?
    • ⤷ Does this model support phase sequence detection in addition to under-voltage?
    • ⤷ What are the typical applications for this interface relay in an industrial control panel?