M2PRU-A27P-R/
AI

The **M2PRU-A27P-R** is a specific part number typically associated with high-performance storage solutions, specifically an **M.2 NVMe SSD** (Solid State Drive). This model is commonly identified as a variation within the **Plextor M10P** series or similar enterprise/industrial-grade hardware lines.
Below is a breakdown of its electronic components and technical specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 2280 |
| **Interface** | PCIe Gen 4 x4 |
| **Protocol** | NVMe 1.4 |
| **Capacity** | 2TB (Typical for the '27P' suffix) |
| **NAND Flash Type** | 3D TLC (Triple-Level Cell) |
| **DRAM Cache** | Integrated LPDDR4 |
---
### 2. Core Electronic Components
The performance of the M2PRU-A27P-R is driven by three primary electronic integrated circuits (ICs):
#### A. SSD Controller
The "brain" of the drive. It manages data flow between the PCIe interface and the NAND storage.
- **Function:** Handles Wear Leveling, Error Correction Code (ECC), and Garbage Collection.
- **Hardware:** Usually utilizes high-end controllers like the **InnoGrit IG5236** (Rainier), designed for PCIe 4.0 speeds.
#### B. 3D NAND Flash Memory
The non-volatile storage area where data is physically kept.
- **Component:** Generally utilizes **96-layer or 112-layer 3D TLC NAND** (often from Kioxia/Toshiba).
- **Structure:** Cells are stacked vertically to increase density without increasing the physical footprint.
#### C. DRAM Cache Chip
A dedicated volatile memory chip used to store the "mapping table" of the SSD.
- **Benefit:** Significantly speeds up data look-up and improves random write performance compared to "DRAM-less" drives.
---
### 3. Physical & Thermal Design
Because this is a PCIe Gen 4 device, it generates significant heat during high-speed operations.
* **PCB Design:** A multi-layer Printed Circuit Board designed to minimize electromagnetic interference (EMI).
* **Power Management IC (PMIC):** Regulates the 3.3V power rail provided by the M.2 slot to the specific voltages required by the NAND and Controller.
* **Thermal Protection:** Often includes a built-in thermal sensor that triggers "thermal throttling" if the electronic components exceed safe operating temperatures (usually above 70°C).
---
### 4. Performance Metrics
Based on the electronic architecture, the expected performance levels are:
* **Sequential Read:** Up to 7,000 MB/s.
* **Sequential Write:** Up to 5,000 MB/s.
* **MTBF (Mean Time Between Failures):** ~1,500,000 hours.
- ⤷
What is the endurance rating (TBW) for this specific 2TB model?
- ⤷ Is this SSD compatible with the PlayStation 5 internal expansion slot?
- ⤷ Which software can be used to monitor the S.M.A.R.T. status of this drive?