AI

The **M2PRU-A24N-R2/UL** is a high-performance **Electronic Phase Loss and Undervoltage Monitoring Relay** manufactured by Fuji Electric. It is designed to protect three-phase motors and equipment from power supply abnormalities.
---
### ## 1. Technical Specifications
Below are the primary electronic and physical specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Model Number** | M2PRU-A24N-R2/UL |
| **Control Supply Voltage** | 200–240V AC (3-Phase) |
| **Frequency** | 50/60 Hz |
| **Contact Configuration** | 2nd Changeover (2nd DPDT / 2c) |
| **Detection Functions** | Undervoltage, Phase Loss, Phase Sequence |
| **Mounting Type** | DIN Rail (35mm) |
| **Compliance/Approvals** | UL Listed, CE, RoHS |
---
### ## 2. Core Electronic Functions
The device operates as a supervisory circuit that monitors the incoming power line. Its main functions include:
* **Undervoltage Detection:** Monitors if the voltage drops below a specific threshold (typically adjustable), preventing motor overheating or contactor chatter.
* **Phase Loss Protection:** Instantly detects if one of the three phases is missing, preventing "single-phasing" which can burn out a motor.
* **Phase Sequence (Rotation):** Ensures that the phases (L1, L2, L3) are in the correct order. If the wires are swapped, the relay will not close, preventing the motor from spinning in the wrong direction.
* **Time Delay:** Often features a built-in trip delay to prevent nuisance tripping caused by momentary voltage spikes or dips.
---
### ## 3. Internal Components and Terminals
The unit consists of several key electronic sections:
1. **Sensing Circuit:** A high-impedance voltage divider network that samples the three-phase input without drawing significant current.
2. **Logic Controller:** An integrated circuit (IC) or microcontroller that compares the sampled voltage against factory or user-defined setpoints.
3. **Electromechanical Relay:** The output stage. When the power is "healthy," the internal coil is energized, closing the "Normally Open" (NO) contacts to allow the motor starter to operate.
4. **LED Indicators:**
* **Power LED:** Indicates that the control voltage is present.
* **Alarm/Trip LED:** Indicates a fault condition (Undervoltage or Phase Error).
---
### ## 4. Wiring Overview
The unit is typically wired into the control circuit of a magnetic contactor:
* **Inputs (L1, L2, L3):** Connected directly to the three-phase supply lines.
* **Outputs (11-12-14 / 21-22-24):** These are the dry contacts. Usually, the NO (Normally Open) contact is wired in series with the coil of the main motor contactor.
---
- ⤷What is the adjustable range for the undervoltage threshold on this model?
- ⤷ How do I troubleshoot a 'Phase Sequence' error indicated by the LED?
- ⤷ Can this relay be used with a 480V AC system?