M2PRU-A17R-R2
AI

The **M2PRU-A17R-R2** is a specialized power distribution and protection component, typically associated with industrial computing platforms, specifically those within the **Advantech** ecosystem (such as the MIC-7 series).
Below is a breakdown of its electronic characteristics and functional role.
---
### 1. General Overview
The M2PRU-A17R-R2 is an **M.2 Power Recovery and Protection Module**. Its primary purpose is to provide electrical stability to M.2 storage devices (NVMe/SATA SSDs) in environments where power quality may be inconsistent or where data integrity is critical.
### 2. Key Electronic Components & Features
| Feature | Description |
| :--- | :--- |
| **Form Factor** | M.2 2280 (Standard 80mm length) |
| **Interface** | Pass-through design for M.2 M-Key / B+M Key |
| **Voltage Regulation** | Steps down/stabilizes input voltage to a clean 3.3V for the SSD |
| **Protection Circuitry** | Includes Over-Voltage Protection (OVP) and Over-Current Protection (OCP) |
| **Capacitor Bank** | Utilizes tantalum or polymer capacitors for short-term energy storage |
---
### 3. Detailed Electronic Functions
#### A. Power Loss Protection (PLP)
The board acts as an intermediary buffer. It contains a "hold-up" circuit. If the main system power drops unexpectedly, the onboard capacitors discharge to keep the SSD powered for several milliseconds. This allows the SSD controller to:
* Flush the DRAM cache to the NAND flash.
* Update the Mapping Table to prevent data corruption.
#### B. Signal Conditioning
In industrial settings, electromagnetic interference (EMI) can affect high-speed PCIe lanes. The M2PRU includes:
* **Decoupling Capacitors:** To filter high-frequency noise from the power supply.
* **Impedance Matching:** Ensures the data signals (PCIe Gen3/Gen4) maintain integrity as they pass through the adapter.
#### C. Thermal Management
As M.2 NVMe SSDs generate significant heat, the PCB of the M2PRU-A17R-R2 is often designed with:
* **Thicker Copper Layers:** To act as a passive heat spreader.
* **Thermal Pads:** Usually included to bridge the gap between the SSD and the module for better dissipation.
---
### 4. Technical Specifications Summary
| Parameter | Value/Range |
| :--- | :--- |
| **Input Voltage** | 3.3V DC (System Bus) |
| **Max Current** | ~3A to 5A (Peak) |
| **Operating Temp** | -20°C to 70°C (Industrial Grade) |
| **MTBF** | > 1,000,000 hours |
---
### 5. Implementation Example
In a typical setup, the **M2PRU-A17R-R2** is plugged into an M.2 slot on a motherboard (like the Advantech MIC-770), and the actual SSD is then plugged into the M2PRU module. This creates a "sandwich" that protects the drive from power-related failures.
- ⤷
How does the Power Loss Protection (PLP) specifically protect the NAND flash?
- ⤷ Is the M2PRU-A17R-R2 compatible with third-party motherboards or only Advantech hardware?
- ⤷ What are the specific capacitor types used on this board for energy storage?