M2PP-92N-R
AI

The **M2PP-92N-R** is a high-performance, precision pressure transducer/transmitter, typically manufactured by companies like **Nidec Copal Electronics**. It belongs to a category of industrial sensors designed for gaseous media, featuring an integrated digital display and dual switch outputs.
---
### 1. Core Technical Specifications
The electronic performance of the M2PP series is defined by its ability to convert physical pressure into a stable electrical signal and logic outputs.
| Feature | Specification Details |
| :--- | :--- |
| **Pressure Type** | Gauge Pressure (Positive Pressure) |
| **Rated Pressure Range** | 0 to 98.1 kPa (approx. 1 bar / 14.2 psi) |
| **Supply Voltage** | 12 to 24 VDC (±10%) |
| **Current Consumption** | ≤ 50 mA |
| **Output Type** | 2 NPN Open Collector Outputs + 1 Analog Output |
| **Analog Output** | 1 to 5 VDC (Linear) |
| **Switching Capacity** | 30 VDC, 100 mA maximum |
---
### 2. Key Electronic Components & Subsystems
The internal architecture of the M2PP-92N-R consists of several critical electronic stages:
#### A. Piezoresistive Sensing Element
The "heart" of the device is a silicon-based piezoresistive chip. When pressure is applied, the resistance of the bridge circuit changes. This change is proportional to the mechanical stress, providing high sensitivity and excellent linearity.
#### B. Signal Conditioning (ASIC)
The raw millivolt signal from the sensor is processed by an Application-Specific Integrated Circuit (ASIC). This stage handles:
* **Temperature Compensation:** Correcting drift caused by environmental heat.
* **Amplification:** Boosting the signal for the 1-5V analog output.
* **A/D Conversion:** Converting the signal for the microprocessor and digital display.
#### C. Control Interface & Display
* **LED Display:** A 3.5-digit red LED screen allows for real-time monitoring and parameter setting (hysteresis, window comparators).
* **User Keys:** Tactile switches permit the user to set "Set Points" (P1, P2) for the electronic switches.
---
### 3. Wiring and Connectivity
The M2PP-92N-R uses a standardized wire color code for industrial integration:
```markdown
1. Brown : DC (+) Power (12-24V)
2. Blue : DC (-) GND
3. Black : Switch Output 1 (NPN)
4. White : Switch Output 2 (NPN)
5. Gray : Analog Output (1-5V)
```
---
### 4. Protective Circuitry
To ensure reliability in industrial environments, the electronics include:
* **Short-Circuit Protection:** Protects the NPN outputs from overcurrent.
* **Reverse Polarity Protection:** Prevents damage if the power supply leads are swapped.
* **Noise Filtering:** Internal capacitors and shielding to reduce Electromagnetic Interference (EMI).
- ⤷How do you calibrate the zero-point on the M2PP-92N-R?
- ⤷ What is the difference between the NPN (N-type) and PNP (P-type) versions of this sensor?
- ⤷ Can the 1-5V analog output be converted to a 4-20mA signal?