AI

The **M2PP-91N-R2/N** is a specific electronic component, typically categorized as a **Solid State Pressure Switch** or **Digital Pressure Sensor**, often associated with industrial automation brands like **Norgren** or **CKD**.
Below is a detailed breakdown of its technical specifications and electronic components.
---
### 1. General Technical Specifications
This device is designed to monitor air or gas pressure and provide a digital/electrical output once a certain threshold is reached.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Pressure Range** | -0.1 to 1.0 MPa (Standard for R2 models) |
| **Input Voltage** | 12 to 24V DC |
| **Output Type** | 2 NPN Open Collector Outputs |
| **Display** | 3½ Digit, 2-color LCD (Red/Green) |
| **Connection** | M8 4-pin connector or Lead wire |
| **Fluid Media** | Filtered compressed air, non-corrosive gases |
---
### 2. Key Electronic Components & Internal Architecture
The unit functions through a combination of sensing elements and signal processing circuitry:
#### A. Piezoresistive Silicon Sensor
The heart of the unit is a silicon-based micro-machined sensor. When pressure is applied, the silicon diaphragm deforms, changing its electrical resistance. This change is proportional to the pressure.
#### B. Analog-to-Digital Converter (ADC)
The raw millivolt signal from the sensor is sent to an ADC. This converts the physical pressure reading into a digital value that the internal microprocessor can read.
#### C. Microprocessor (MCU)
The MCU handles several tasks:
* **Scaling:** Converts the digital signal into units (Bar, PSI, MPa, etc.).
* **Logic:** Compares the current pressure against the user-defined "Set Points."
* **Display Driver:** Controls the LCD to show real-time data.
#### D. NPN Output Circuit
The "N" in the suffix usually denotes **NPN output**.
* **NPN Open Collector:** When the set pressure is reached, the internal transistor closes the circuit to the negative (0V) line.
* **Protection:** These outputs usually include short-circuit protection and reverse polarity protection.
---
### 3. Wiring Diagram (Electronic Interface)
For the M2PP series, the standard 4-wire color coding is typically used:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | L+ | +12 to 24V DC Power |
| **Blue** | L- | 0V / Ground |
| **Black** | OUT 1 | Digital Output 1 (NPN) |
| **White** | OUT 2 | Digital Output 2 (NPN) |
---
### 4. Application Logic
The electronic parts allow for several modes of operation:
1. **Hysteresis Mode:** Prevents "chattering" of the switch when pressure fluctuates near the set point.
2. **Window Comparator Mode:** Keeps the output active only within a specific pressure range (e.g., between 0.4 and 0.6 MPa).
---
- ⤷
How do I calibrate the set points on the M2PP-91N-R2/N?
- ⤷ What is the difference between NPN and PNP outputs in these sensors?
- ⤷ Can this sensor be used with liquids instead of compressed air?