AI

## M2PP-91N-R: Electronic Components & Specifications
The **M2PP-91N-R** is a specific type of **Miniature Pushbutton Switch**, typically associated with industrial control panels, automation equipment, and consumer electronics. Below is a breakdown of its electronic characteristics and construction.
---
### 1. General Specifications
This switch is designed for high reliability in small spaces. It is a **Panel Mount** component, meaning it is intended to be secured through a hole in a chassis.
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Pushbutton |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Switch Function** | Momentary (Non-locking) |
| **Contact Rating** | 5A @ 125VAC / 3A @ 250VAC |
| **Contact Resistance** | 20 mΩ Max (Initial) |
| **Insulation Resistance** | 100 MΩ Min @ 500VDC |
| **Dielectric Strength** | 1,000 VAC for 1 minute |
---
### 2. Key Electronic Parts
The internal and external electronic parts work together to ensure electrical continuity and mechanical durability:
* **Contacts (Silver Plated):** The internal contact points are typically made of silver or silver-clad copper to ensure low resistance and prevent oxidation.
* **Terminals:** Usually features **Solder Lug** or **PC Pin** terminals. These are the physical interface points where wires or PCB traces connect to the switch.
* **Actuator (Plunger):** The moving part that the user presses. In the "91N" series, this is often a round or rectangular button that triggers the internal spring mechanism.
* **Internal Spring Mechanism:** A high-tension coil or leaf spring that ensures the "Momentary" action—returning the button to its original position immediately after release.
* **Housing/Body:** Made of high-grade PPS (Polyphenylene Sulfide) or Phenolic resin to provide high heat resistance during soldering and electrical insulation.
---
### 3. Connection Logic (SPDT)
The "R" in the suffix often denotes the specific terminal orientation or a specific color (Red). As an **SPDT** switch, it has three pins:
1. **Common (C):** The input power/signal.
2. **Normally Open (NO):** Circuit is broken until the button is pressed.
3. **Normally Closed (NC):** Circuit is complete until the button is pressed.
---
### 4. Implementation Example
In a basic circuit, the M2PP-91N-R is used as a trigger for a microcontroller (like an Arduino) or a direct relay controller.
```cpp
// Example: Using the switch to trigger an LED
int switchPin = 2; // Connected to NO terminal
int ledPin = 13;
void setup() {
pinMode(switchPin, INPUT_PULLUP);
pinMode(ledPin, OUTPUT);
}
void loop() {
if (digitalRead(switchPin) == LOW) { // Button Pressed
digitalWrite(ledPin, HIGH);
} else {
digitalWrite(ledPin, LOW);
}
}
```
---
- ⤷
What is the mechanical life expectancy of the M2PP series?
- ⤷ Does the M2PP-91N-R have an integrated LED indicator?
- ⤷ What is the recommended panel cutout diameter for this switch?