AI

The **M2PP-35R-R2/UL** is a specific model of a **Miniature Circuit Breaker (MCB)** or a **Magnetic-Hydraulic Circuit Protector**, commonly used in telecommunications, industrial control, and power distribution systems.
Below is the technical breakdown of its electronic and mechanical components.
---
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Model Series** | M2 Series (Commonly associated with Carling Technologies or similar manufacturers) |
| **Current Rating** | Typically indicated by the "35R" (often 3.5A or 35A depending on specific series coding) |
| **Pole Configuration** | 2-Pole (Indicated by the "2" in M2PP) |
| **Protection Type** | Magnetic-Hydraulic |
| **Compliance** | UL Listed (Underwriters Laboratories) |
| **Actuator Style** | Push-Pull or Rocker (Model dependent) |
---
### 2. Key Internal Components
#### A. Magnetic-Hydraulic Sensing Coil
Unlike thermal breakers that rely on heat, this part uses a **solenoid coil**.
- **The Coil:** When current flows through the coil, it creates a magnetic field.
- **The Core:** A spring-loaded core sits inside a tube filled with silicone fluid.
- **The Trip Mechanism:** During an overload, the magnetic field pulls the core through the fluid (creating a time delay). If a short circuit occurs, the magnetic force is so strong it trips the breaker instantaneously, bypassing the fluid delay.
#### B. The "R2" Designation (Internal Circuitry)
In many electronic circuit breakers, the suffix **R2** refers to the **Relay Trip** or **Remote Shutdown** capability.
- This means the breaker contains an extra set of terminals or an internal relay that allows it to be tripped by an external signal (e.g., an emergency stop button or a PLC signal) rather than just an overcurrent event.
#### C. Contact System
- **Silver Alloy Contacts:** Designed to resist welding and minimize electrical resistance.
- **Arc Chute:** A series of metal plates that quench the electrical arc generated when the contacts open under load, preventing damage to the device.
---
### 3. Electronic Characteristics
- **Temperature Stability:** Because it is magnetic-hydraulic, its trip point is not significantly affected by ambient temperature changes (unlike thermal breakers which trip earlier in hot environments).
- **Precision Tripping:** The electronic sensing allows for very specific "Trip Curves" (Time vs. Current), ensuring the breaker doesn't trip on "nuisance" surges like motor startups but reacts instantly to real faults.
---
### 4. Typical Applications
1. **Telecommunications:** Protecting sensitive Rack Mount power strips.
2. **Marine/Industrial:** Used in environments where temperature fluctuations are common.
3. **Medical Equipment:** Where precise current interruption is required for safety.
- ⤷What is the exact current rating for the 35R code in this series?
- ⤷ How does a magnetic-hydraulic breaker differ from a standard thermal-magnetic breaker?
- ⤷ What are the wiring requirements for the R2 remote trip feature?