M2PP-35N-R2/N
AI

The **M2PP-35N-R2/N** is a specific model of a **Miniature Diaphragm Liquid Pump** manufactured by Takasago Electric. These pumps are designed for high-precision fluid handling, often used in medical, analytical, and diagnostic instruments.
---
## 1. Technical Specifications
The "R2/N" variant typically refers to specific motor and material configurations. Below are the general electronic and mechanical specifications:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Rated Voltage** | 12V DC or 24V DC (Model dependent) |
| **Power Consumption** | Approx. 1.2W to 2.5W |
| **Drive Mechanism** | DC Brushed Motor |
| **Flow Rate** | ~35 ml/min (Water) |
| **Max Pressure** | 50 kPa |
| **Max Suction** | -30 kPa |
| **Wetted Materials** | EPDM / PTFE / PP (Model dependent) |
---
## 2. Key Electronic Components
The device is relatively simple electronically but requires precise control for optimal life cycles.
### A. The DC Motor
The core electronic component is a high-durability DC brushed motor.
* **Commutation:** Uses internal brushes to flip the magnetic field.
* **Speed Control:** Flow rate is adjusted by varying the input voltage (Analog) or via Pulse Width Modulation (PWM).
### B. Electrical Interface
* **Lead Wires:** Typically comes with two UL-certified lead wires (Red for Positive, Black for Negative).
* **Noise Suppression:** In some "R2" configurations, internal varistors or capacitors may be included to reduce Electromagnetic Interference (EMI) caused by brush sparking.
---
## 3. Driving and Control Circuitry
To integrate this pump into an electronic system, the following components are usually required:
### PWM Control
Because it is a DC motor, using a **MOSFET** or a **Motor Driver IC** (like the L298N or TB6612FNG) allows for software-controlled flow rates.
```cpp
// Example: Simple PWM Control Logic
int pumpPin = 9;
void setup() {
pinMode(pumpPin, OUTPUT);
}
void loop() {
analogWrite(pumpPin, 128); // Run at ~50% duty cycle
}
```
### Protection Components
1. **Flyback Diode:** Essential when switching the pump off to prevent inductive voltage spikes from destroying your controller.
2. **Filtering Capacitor:** A 0.1μF ceramic capacitor across the motor terminals helps reduce electrical noise in sensitive analytical circuits.
---
## 4. Typical Applications
* **Medical Diagnostics:** Moving reagents or waste fluids.
* **Environmental Monitoring:** Sampling water or air.
* **Fuel Cells:** Managing water balance in small-scale cells.
---
- ⤷
What are the chemical compatibility differences between EPDM and PTFE for this pump?
- ⤷ How do I calculate the power supply requirements for a multi-pump system?
- ⤷ Does this model support bidirectional flow via polarity reversal?