M2PP-31N-R2
AI

The **M2PP-31N-R2** is a specific electronic component, typically categorized as a **Pressure Sensor Module** or a **Pressure Switch**, often utilized in industrial automation, medical equipment, and HVAC systems.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The M2PP series is known for its high-precision sensing capabilities using a piezoresistive element.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Piezoresistive Pressure Sensor |
| **Output Type** | NPN / PNP Open Collector (Digital/Switching) |
| **Pressure Range** | Negative Pressure (Vacuum) / Compound |
| **Power Supply** | 12V to 24V DC |
| **Current Consumption** | ≤ 40 mA |
| **Connection Type** | M8 4-pin Connector or Lead Wire |
---
### 2. Key Electronic Features
The "31N" designation specifically refers to the internal electronics configuration:
* **Switching Logic (NPN):** The "N" usually indicates an NPN output configuration. This means when the pressure threshold is reached, the output pin connects the load to the ground (0V).
* **Dual Output:** Many models in this series offer two independent outputs (N1 and N2) to allow for high/low limit monitoring.
* **Integrated Display:** These units often feature a 3-color LCD or LED display to provide real-time pressure feedback and status indication.
* **Protection Circuitry:**
* **Short-circuit protection:** Prevents damage if the output is incorrectly wired.
* **Reverse polarity protection:** Protects the internal PCB if the DC power leads are swapped.
---
### 3. Wiring Diagram (Electronic Interface)
Most M2PP-R2 models follow a standard industrial wiring color code:
```yaml
Brown: V+ (Power Supply 12-24V DC)
Blue: 0V (Ground)
Black: Output 1 (NPN Switching)
White: Output 2 (NPN Switching or Analog 1-5V)
```
---
### 4. Applications
Because of its electronic stability, the M2PP-31N-R2 is commonly used in:
1. **Suction Verification:** Checking if a vacuum cup has successfully grabbed a part in robotics.
2. **Leak Testing:** Monitoring pressure decay in a sealed system.
3. **Filter Monitoring:** Detecting a pressure drop across a pneumatic filter to signal maintenance.
- ⤷
What is the difference between the NPN and PNP versions of this sensor?
- ⤷ How do I calibrate the set-point on the R2 model?
- ⤷ Can this sensor output an analog signal instead of a digital switch?