M2PP-25N-R/N
AI

The **M2PP-25N-R/N** is a specific model of an industrial **Non-Illuminated Square Pushbutton Switch**, typically manufactured by **Omron Industrial Automation**.
Below is a detailed breakdown of its electronic and mechanical parts.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific configuration:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | M2P | Miniature Square Pushbutton Series |
| **Mounting** | P | Panel Mount (Plug-in/Solder terminals) |
| **Size** | 25 | Standard Square Size (approx. 25mm) |
| **Illumination** | N | **Non-Illuminated** (No lamp or LED) |
| **Operation** | R | **Momentary** (Springs back when released) |
| **Contact** | N | SPDT (Single Pole Double Throw) |
---
### 2. Core Electronic Components
#### A. Contact Block (Switching Mechanism)
The "business end" of the switch consists of a Single Pole Double Throw (SPDT) arrangement.
* **Common (COM):** The input terminal.
* **Normally Open (NO):** Circuit closes only when the button is pressed.
* **Normally Closed (NC):** Circuit is closed by default and opens when pressed.
* **Ratings:** Typically rated for **5A at 125VAC** or **3A at 250VAC**, making it suitable for control circuits rather than heavy power loads.
#### B. Terminals
The rear of the unit features gold-plated or silver-alloy terminals.
* **Connection Type:** Solder terminals (can also be used with compatible quick-connect sockets).
* **Material:** Designed for high conductivity and oxidation resistance.
#### C. Mechanical Actuator
* **Momentary Action:** Contains an internal precision spring that returns the button to its original position immediately after the user stops applying pressure.
* **Stroke:** Features a tactile click to provide user feedback.
---
### 3. Physical & Material Specifications
| Feature | Specification |
| :--- | :--- |
| **Shape** | Square (M2 Series) |
| **Bezel** | Black plastic housing |
| **Button Color** | Varies (usually specified by a suffix, e.g., R=Red, G=Green, Y=Yellow) |
| **Mounting Hole** | Standardized for industrial panels |
| **IP Rating** | Usually IP40 (protected against tools/wires, not waterproof) |
---
### 4. Typical Applications
Because this is a non-illuminated, momentary switch, it is commonly used for:
1. **Reset Buttons:** Clearing errors on a control panel.
2. **Logic Inputs:** Sending a signal to a PLC (Programmable Logic Controller).
3. **Testing/Calibration:** Manually triggering a sequence during machine setup.
- ⤷
What is the difference between Momentary and Maintained operation for this series?
- ⤷ How do I wire this switch to a PLC input?
- ⤷ Are there waterproof versions of the M2P series available?