công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PP-14R-R

  • AI
    The **M2PP-14R-R** is a specific part number typically associated with **RJ45 Integrated Connector Modules (ICM)**, often manufactured by companies like **Link-PP** or compatible vendors. These components are essential in networking hardware, combining a standard RJ45 jack with the internal magnetic components required for Ethernet communication. ### 1. Component Overview The M2PP-14R-R is a **1x1 Tab-Down RJ45 Connector** with integrated 10/100 Base-TX magnetics. It is designed to interface between the Ethernet Physical Layer (PHY) chip and the network cable. | Feature | Specification | | :--- | :--- | | **Port Configuration** | 1x1 (Single Port) | | **Speed** | 10/100 Base-TX | | **Orientation** | Right Angle (Horizontal) | | **Tab Direction** | Tab-Down | | **LED Configuration** | Usually Green/Yellow (Specific to sub-model) | | **Shielding** | EMI Finger Shielded | --- ### 2. Internal Electronic Parts Inside the metal housing of the M2PP-14R-R, several discrete electronic components are integrated: * **Isolation Transformers:** Provides 1500Vrms isolation between the input and output to protect the circuitry from voltage surges and ground loops. * **Common Mode Chokes:** Filters out electromagnetic interference (EMI) and noise from the differential signals. * **Termination Resistors (Bob Smith Termination):** Usually 75-ohm resistors used to reduce common-mode noise and match impedance. * **High-Voltage Capacitors:** Typically 1000pF/2kV capacitors used for decoupling and EMI suppression. --- ### 3. Pinout and Connectivity The part generally follows a standard layout for 10/100 Ethernet: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | TX+ | Transmit Data Positive | | 2 | TX- | Transmit Data Negative | | 3 | RX+ | Receive Data Positive | | 4 | Termination | Connected to Bob Smith circuit | | 5 | Termination | Connected to Bob Smith circuit | | 6 | RX- | Receive Data Negative | | 7 | Termination | Connected to Bob Smith circuit | | 8 | Termination | Connected to Bob Smith circuit | --- ### 4. Technical Drawing Reference (General) ```markdown [ RJ45 Opening ] _____________________ | _ _ _ _ _ _ | | |1|2|3|4|5|6|7|8| | <-- Gold Plated Pins |_____________________| | | [LED L] [LED R] ``` --- ### 5. Application Areas * **Network Interface Cards (NICs):** Desktop and server motherboards. * **Industrial PC (IPC):** Ruggedized computing environments. * **Embedded Systems:** Microcontroller boards (ESP32, STM32) requiring Ethernet. * **Switches/Routers:** Consumer-grade networking equipment.
    ✨ Follow-up Questions
    • ⤷ What is the significance of 'Tab-Down' vs 'Tab-Up' in RJ45 connectors?
    • ⤷ How does the Bob Smith termination inside this part help with signal integrity?
    • ⤷ Can this 10/100 Base-TX part be used for Gigabit Ethernet applications?