M2PP-14N-R2
AI

The **M2PP-14N-R2** is a specific model of a **Miniature Diaphragm Pump**, typically manufactured by companies like Takasago Electric. These pumps are engineered for precise fluid handling in medical, analytical, and diagnostic equipment.
---
## 1. Core Technical Specifications
The "M2PP" series is characterized by its chemically resistant materials and compact footprint.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Pump Type** | Diaphragm (Positive Displacement) |
| **Operating Voltage** | 12V DC or 24V DC (Model dependent) |
| **Flow Rate** | Approx. 5 - 15 mL/min (Varies by pressure) |
| **Wetted Materials** | PTFE, EPDM, or FKM (High chemical resistance) |
| **Connection Type** | Pin terminals or Lead wires |
| **Mounting** | Manifold or Barbed fittings |
---
## 2. Electronic & Electromechanical Components
The M2PP-14N-R2 functions through the interaction of several key internal components:
### A. DC Motor (Drive Unit)
The heart of the pump is a small DC motor.
* **Rotation to Linear Motion:** The motor rotates an eccentric cam.
* **Speed Control:** Flow rates are often adjusted by modulating the voltage or using **Pulse Width Modulation (PWM)** to control the motor speed.
### B. Diaphragm Assembly
* The motor pushes a flexible diaphragm up and down.
* This creates a volume change within the pump chamber, generating the vacuum/pressure required to move fluids.
### C. Check Valves
* These act as "electronic logic" for fluid flow.
* They ensure one-way directionality, preventing backflow during the compression cycle.
---
## 3. Integration & Control Circuitry
To operate the M2PP-14N-R2 within an electronic system, the following peripheral components are usually required:
1. **Motor Driver:** An H-bridge or a simple transistor/MOSFET switch to handle the current draw of the motor.
2. **Flyback Diode:** Essential to protect the control electronics from inductive voltage spikes when the motor is turned off.
3. **Pressure Sensors:** Often used in a feedback loop with the pump to maintain a constant pressure or detect blockages (occlusions).
---
## 4. Common Applications
* **IVD (In-Vitro Diagnostics):** Moving reagents or samples.
* **Fuel Cells:** Managing water or fuel flow.
* **Environmental Monitoring:** Sampling air or water for sensors.
* **Medical Devices:** Small-scale fluid dosing or waste removal.
---
- ⤷
What are the specific power requirements (Voltage/Current) for the R2 variant?
- ⤷ How do I implement a PWM circuit to control the flow rate of this pump?
- ⤷ What chemicals are compatible with the wetted materials of the M2PP series?