công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PHSW-A1-R/N

  • AI
    The **M2PHSW-A1-R/N** is a specific electronic component typically associated with high-performance networking equipment, specifically acting as a **Switching/Motherboard Module** for high-end server or storage chassis. Below is an explanation of its electronic architecture and characteristics. --- ### 1. General Specifications The part number follows a nomenclature often used by manufacturers like **Supermicro** or specialized networking vendors. It is designed to facilitate high-speed data routing and hardware management. | Feature | Description | | :--- | :--- | | **Component Type** | Networking Switch Board / Backplane Interface | | **Primary Chipset** | High-density PCIe/Ethernet Switching silicon | | **Form Factor** | Proprietary Module (Designed for specific rackmount chassis) | | **Connectivity** | M.2 Support and High-speed proprietary headers | --- ### 2. Core Electronic Components The board is comprised of several critical subsystems: #### A. Power Management Integrated Circuits (PMICs) Because this module handles high-speed data, it requires extremely stable voltage. * **DC-DC Converters:** Steps down system power (usually 12V) to 3.3V, 1.8V, and 1.0V for logic processing. * **Voltage Regulator Modules (VRMs):** Ensures low ripple current to prevent data corruption in high-speed lanes. #### B. The Switching Fabric The "SW" in the part number typically stands for **Switch**. This board contains: * **PCIe Bridge/Switch:** Acts as a traffic controller, allowing multiple M.2 NVMe drives or network controllers to communicate with a single CPU root complex. * **Signal Retimers/Redrivers:** Since signals degrade over physical PCB traces, these chips boost the signal integrity to ensure PCIe Gen3 or Gen4 speeds are maintained. #### C. Passive Components * **Multi-Layer Ceramic Capacitors (MLCCs):** Used for decoupling noise from the power planes. * **Thick-film Resistors:** Used for impedance matching on high-speed differential pairs (essential for 10Gbps+ speeds). --- ### 3. Interface and Connectivity The **M2PHSW-A1-R/N** serves as a bridge between the storage media and the main processor. 1. **M.2 Slots:** Typically supports M-Key NVMe SSDs. 2. **Board-to-Board Connectors:** High-density "Gold Finger" or "Mezzanine" connectors that mate with the main system motherboard. 3. **I2C/SMBus:** Used for "Health Monitoring" (reading temperature data and SMART status from connected drives). --- ### 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **M2** | Refers to the M.2 (NGFF) interface support. | | **PH** | Often denotes "Physical" or "Phase" specific hardware layout. | | **SW** | Switch (PCIe or Ethernet switching capability). | | **A1** | Revision number (First major production version). | | **R/N** | RoHS Compliant / Non-isolated or specific manufacturing variations. | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M2PHSW-A1-R/N?
    • ⤷ Which server chassis models are compatible with this module?
    • ⤷ Does this board support PCIe Gen4 or Gen5 speeds?