M2PHSW-A1-R/CE
AI

The **M2PHSW-A1-R/CE** is a high-performance, industrial-grade PCIe M.2 carrier board (switch) designed primarily for NVMe storage expansion. It allows a single PCIe slot to be branched into multiple M.2 NVMe SSD connections.
---
## 1. Technical Specifications Overview
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | PCIe Gen 4 x16 (Downwards compatible with Gen 3) |
| **Storage Slots** | 2 x M.2 (M-Key) |
| **Supported Sizes** | 2242, 2260, 2280, 22110 |
| **Maximum Bandwidth** | Up to 16 GT/s per lane |
| **Bifurcation Requirement** | Required (x8+x8 or x4+x4+x4+x4 depending on config) |
---
## 2. Key Electronic Components & Features
### A. PCIe Switch Controller / Redriver
The "CE" designation often implies the inclusion of a high-speed signal re-driver or a basic PLX-style switch logic. This ensures signal integrity over the PCB traces, preventing data loss or CRC errors when running at Gen 4 speeds.
### B. Power Management Circuitry
To support high-performance NVMe drives (which can draw significant power during peak writes), the board includes:
* **DC-to-DC Converters:** Steps down the 12V from the PCIe slot to a stable 3.3V required by M.2 SSDs.
* **Bulk Capacitors:** These act as energy reservoirs to prevent voltage sag during high-current bursts.
### C. Thermal Protection
* **Heatsink Integration:** High-speed NVMe controllers generate significant heat. This part typically includes aluminum fins or a thermal pad interface to dissipate heat from the SSDs.
* **Temperature Sensors:** Some variants include onboard thermal monitoring to throttle or alert if the SSDs exceed safe operating temperatures.
---
## 3. Connectivity Logic
The electronic layout is optimized for **PCIe Bifurcation**. Unlike "Active" switches that cost significantly more, this board relies on the Motherboard's BIOS to split the x16 lane into smaller segments.
* **Pin Mapping:** The gold fingers are wired to route specific PCIe lanes directly to the M.2 pins.
* **LED Indicators:** Typically features SMD LEDs to show "Power On" and "Drive Activity" status for each individual slot.
---
- ⤷
Does this board require a motherboard that supports PCIe bifurcation?
- ⤷ What is the maximum data transfer rate for the M2PHSW-A1-R/CE?
- ⤷ Does it support both NVMe and SATA M.2 drives?