công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PHSL-161-R/Q

  • AI
    The **M2PHSL-161-R/Q** refers to a specific series of high-performance, shielded magnetic components, typically categorized as **Power Inductors** or **Magnetic Modules** used in power management systems. These parts are often utilized in automotive (Q-grade) or high-reliability industrial applications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Shielded Fixed Inductor / Power Choke | | **Inductance Range** | Typically measured in $\mu H$ (Microhenries) | | **Current Rating** | High Saturation Current ($I_{sat}$) and Heating Current ($I_{rms}$) | | **Construction** | Metal Composite Core (Iron Powder) for low acoustic noise | | **Shielding** | Magnetically shielded to minimize EMI (Electromagnetic Interference) | | **Operating Temp** | -40°C to +125°C or +150°C (depending on specific "Q" rating) | --- ### 2. Breakdown of the Part Number While specific manufacturers (like Cyntec or similar power magnetics brands) have slight variations, the code generally breaks down as follows: * **M2PHSL**: The series identifier (High-speed, low-loss power inductor). * **161**: Often refers to the physical size/dimensions (e.g., 1.6mm x 0.8mm or similar footprint). * **R**: Typically indicates the Inductance Value or Tolerance. * **Q**: Designates **AEC-Q200** qualification, meaning the part is tested for automotive stress levels and high reliability. --- ### 3. Electronic Function & Applications These parts are designed to handle high-frequency switching in DC-DC converters. Their electronic roles include: #### A. Power Conversion They store energy in a magnetic field during the "on" cycle of a buck or boost converter and release it to the load during the "off" cycle. #### B. Noise Filtering The shielded nature of the "HS" (High Shielding) series prevents the magnetic flux from leaking and interfering with sensitive nearby circuits, such as sensors or wireless modules. #### C. Common Applications: * **ADAS Units:** Advanced Driver Assistance Systems in cars. * **Infotainment:** Car consoles and displays. * **Mobile Devices:** High-density power rails for CPUs/GPUs. * **SSD Power Rails:** Providing stable voltage to NAND flash memory. --- ### 4. Advantages of "Metal Composite" Technology The M2PHSL series usually employs a metal powder core rather than traditional ferrite. This provides: 1. **Soft Saturation:** The inductance doesn't drop off instantly when current increases, preventing circuit crashes. 2. **Thermal Stability:** Performance remains consistent even as the engine bay or device heats up. 3. **DCR Efficiency:** Low Direct Current Resistance (DCR) minimizes power loss as heat.
    ✨ Follow-up Questions
    • What is the exact inductance value and DC resistance for the 161 size?
    • How does the 'Q' rating affect the soldering process compared to standard parts?
    • Can this part be used in high-frequency GaN power converters?