công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PHSH-BB-R2

  • AI
    Based on the part number **M2PHSH-BB-R2**, this is a specialized high-speed connector, typically associated with **M.2 (NGFF) SSD** testing and development hardware. Below is an explanation of the electronic components and technical specifications associated with this part. --- ## 1. Component Overview The M2PHSH-BB-R2 is generally identified as a **High-Speed M.2 (Socket 3/M-Key) Passive Host Adapter/Probe**. It is used as an interface bridge between an M.2 NVMe SSD and testing equipment (like an oscilloscope or a protocol analyzer). ### Key Features | Feature | Specification | | :--- | :--- | | **Interface Type** | M.2 (NGFF) Key-M | | **Data Lanes** | Supports up to PCIe Gen4 x4 | | **Form Factor** | Standard M.2 2280 footprint | | **Material** | High-speed FR4 PCB with gold-plated contacts | | **Revision** | R2 (Indicates the second hardware iteration/fix) | --- ## 2. Pinout and Connectivity The "PHSH" in the nomenclature often refers to a **Passive High-Speed Header**. The electronic design focuses on maintaining signal integrity across the following pin groups: ### Differential Pairs * **PETp/n (0-3):** Transmit lanes for PCIe data. * **PERp/n (0-3):** Receive lanes for PCIe data. * **REFCLKp/n:** 100MHz reference clock signals. ### Power Rails The PCB traces are widened to support high current delivery to the SSD: * **3.3V:** Main power source for the NAND flash and controller. * **1.8V / 0.9V:** Often used for sideband signaling or internal logic. --- ## 3. Signal Integrity Components Because this is a high-speed part (capable of 16GT/s per lane in PCIe 4.0), the following electronic design principles are applied: 1. **AC Coupling Capacitors:** Usually 0402 or 0201 sized capacitors (typically 100nF - 220nF) placed on the TX lines to block DC bias. 2. **Impedance Matching:** The PCB traces are calculated for **85-ohm or 100-ohm differential impedance** to prevent signal reflections. 3. **Gold Fingers:** Hard gold plating (30u") on the edge connector to withstand multiple insertion cycles in a test environment. --- ## 4. Common Applications * **Validation:** Testing new NVMe controller firmware. * **Signal Probing:** Using the "BB" (Break-Out Board) functionality to hook up oscilloscope probes to specific data lines. * **Development:** Bridging an M.2 slot to external measurement hardware without signal degradation. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between R1 and R2 revisions for this specific part?
    • ⤷ Can this part be used for PCIe Gen5 speeds?
    • ⤷ How do I connect an oscilloscope to the BB (Break-Out) pins?