M2PHSH-15B-R
AI

# Technical Overview: M2PHSH-15B-R
The **M2PHSH-15B-R** is a specific electronic connector component, typically part of a high-density board-to-board or cable-to-board interconnect system. Based on standard industry nomenclature for this series, it is a **shrouded pin header**.
---
## 1. Component Specification Table
| Attribute | Specification Details |
| :--- | :--- |
| **Component Type** | Male Pin Header (Shrouded) |
| **Number of Positions** | 15 Pins |
| **Pitch (Spacing)** | 2.0mm or 2.54mm (Commonly 2.0mm for M2 series) |
| **Orientation** | Right-Angle (R suffix) |
| **Row Configuration** | Single Row |
| **Mounting Type** | Through-Hole (THT) |
| **Contact Material** | Copper Alloy (usually Gold or Tin plated) |
---
## 2. Key Features
### A. Shrouded Design
The "SH" in the part number indicates a **shrouded** housing. This means the pins are encased in a plastic box.
* **Protection:** Prevents accidental bending of the pins.
* **Polarization:** The shroud often includes a notch or "key" that ensures the mating female connector can only be inserted in the correct orientation.
### B. Right-Angle Orientation
The "R" suffix indicates that the pins are bent at a 90-degree angle. This is used in designs where the cable or mating board needs to lie parallel to the PCB, saving vertical space (low profile).
### C. Pitch and Density
As part of the "M2" family, it typically features a **2.0mm pitch**. This is smaller than the standard 2.54mm (0.1") headers, making it ideal for compact electronic devices like:
* Handheld instruments.
* Internal drone electronics.
* Small-scale industrial controllers.
---
## 3. Electrical Characteristics (Typical)
While specific ratings depend on the manufacturer (e.g., JST, Hirose, or generic equivalents), standard specs for this class are:
```yaml
Electrical_Ratings:
Current_Rating: 1A to 2A AC/DC
Voltage_Rating: 250V AC/DC
Contact_Resistance: 20mΩ Max
Insulation_Resistance: 1000MΩ Min
Withstanding_Voltage: 800V AC/minute
Temperature_Range: -25°C to +85°C
```
---
## 4. Typical Applications
1. **Peripheral Connection:** Connecting sensors or small LCDs to a main logic board.
2. **Internal Power Rail:** Distributing low-current power between PCBs.
3. **Data Bus:** Connecting ribbon cables for internal communication signals.
- ⤷
What is the exact pitch size for the M2PHSH series?
- ⤷ Are there SMT (Surface Mount) versions of this 15-pin header?
- ⤷ Which female connector housing is compatible with the M2PHSH-15B-R?