M2PHS2W-A12-R/CE
AI

The **M2PHS2W-A12-R/CE** is a high-performance, industrial-grade **Single-Phase Solid State Relay (SSR)** manufactured by Menics. It is designed for switching AC loads with high frequency and durability, replacing traditional mechanical contactors.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Control Voltage (Input)** | 4 - 32V DC |
| **Load Voltage (Output)** | 90 - 240V AC |
| **Rated Load Current** | 20A (Amperes) |
| **Switching Type** | Zero Cross Switching |
| **Phase** | Single-Phase |
| **Certification** | CE Compliant |
---
### 2. Core Electronic Components & Features
#### A. Zero Cross Switching Logic
This part utilizes a **Zero Cross** trigger circuit.
- **Function:** The relay only switches "ON" when the AC load voltage is near zero volts.
- **Benefit:** This significantly reduces inrush current and electromagnetic interference (EMI), protecting sensitive electronic components downstream.
#### B. Optical Isolation
Inside the unit, the input (control) side is electrically isolated from the output (load) side using an **Optocoupler**.
- This prevents high-voltage spikes from the AC load side from damaging the DC control circuit (e.g., a PLC or Arduino).
#### C. Power Semiconductor (Triac/Thyristor)
Instead of mechanical contacts, it uses a high-power semiconductor (usually a Triac or back-to-back Thyristors) to handle the 20A current. This means:
- No physical wear or arcing.
- Silent operation.
- Extremely fast switching speeds.
---
### 3. Physical & Safety Design
* **Integrated Heat Sink:** The "PHS" designation typically refers to the integrated heat sink design, which is critical for dissipating thermal energy generated during the 20A load operation.
* **LED Indicator:** Features a built-in input status LED (usually Red) to provide a visual confirmation that the control signal is active.
* **Protection:** It often includes a built-in snubber circuit (RC network) to protect the internal semiconductor against high $dv/dt$ (voltage spikes).
---
### 4. Application Use Cases
Due to its 20A rating and DC control, it is commonly used in:
1. **Heater Control:** PID temperature control in plastic extruders or ovens.
2. **Motor Control:** Small single-phase AC motors (fans/pumps).
3. **Lighting Systems:** Large-scale industrial lighting automation.
- ⤷
What is the difference between Zero Cross and Random Turn-on switching for this SSR?
- ⤷ Does this model require an external cooling fan if operating at the full 20A load?
- ⤷ How do I wire the 4-32VDC input to a PLC output?