công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PHS2W-1D-R

  • AI
    The **M2PHS2W-1D-R** is a specific part number typically associated with a **M.2 (NGFF) SSD** module, often produced by industrial or OEM storage manufacturers like Apacer. This specific model belongs to the **P200-M** or similar series, designed for embedded and industrial computing. Below is a breakdown of the electronic components and technical specifications for this part. --- ## 1. Core Technical Specifications The M2PHS2W-1D-R is an industrial-grade Solid State Drive. Its electronic behavior is defined by the following parameters: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm x 22mm) | | **Interface** | SATA III 6.0 Gbps | | **Capacity** | 1TB (indicated by the "1D" code) | | **NAND Flash Type** | 3D TLC (Triple-Level Cell) | | **Operating Voltage** | 3.3V ± 5% | | **Operating Temp** | 0°C to 70°C (Standard Grade) | --- ## 2. Key Electronic Components Inside the M2PHS2W-1D-R module, several critical electronic subsystems work together to manage data: ### A. NAND Flash Memory This is the non-volatile storage area. The "1D" in the part number signifies a high-density 1TB configuration. It uses **3D NAND** technology, where memory cells are stacked vertically to increase density and reliability compared to older planar (2D) NAND. ### B. SSD Controller (The "Brain") The controller is an integrated circuit (IC) that manages: * **Flash Translation Layer (FTL):** Mapping logical addresses to physical blocks. * **Error Correction Code (ECC):** Usually LDPC (Low-Density Parity-Check) to ensure data integrity. * **Wear Leveling:** Ensuring all NAND cells are used evenly to extend the drive's lifespan. ### C. Power Management Integrated Circuit (PMIC) Since M.2 slots provide 3.3V, the onboard PMIC regulates this voltage down to the lower levels required by the Controller (often 0.9V - 1.2V) and the NAND flash (1.8V). It includes decoupling capacitors to filter electronic noise and protect against minor voltage spikes. --- ## 3. Connector Pinout (M.2 B+M Key) The electronic interface uses a physical connector that is "Keyed" to prevent incorrect insertion. * **B+M Keying:** This part typically features two notches, allowing it to fit into both "B Key" and "M Key" sockets. * **SATA Pins:** Unlike NVMe drives that use PCIe lanes, this electronic part communicates via the **SATA Differential Signal pairs** (Pins 41/43 and 47/49). --- ## 4. Signal Integrity & Protection To ensure industrial-grade reliability, the electronic design often includes: 1. **Thermal Throttling:** Built-in sensors that signal the controller to reduce clock speeds if temperatures exceed safe limits. 2. **S.M.A.R.T. Monitoring:** Electronic reporting of health attributes (erase counts, temperature, bad blocks). 3. **End-to-End Data Protection:** Circuits that verify data at every stage of the transfer from the host to the NAND. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between this SATA-based M.2 and an NVMe M.2 drive?
    • ⤷ Can this part be used in a standard consumer laptop?
    • ⤷ What does the '-R' suffix signify in this specific manufacturer's nomenclature?