AI

The **M2PHS2W-16C-R2** is a specialized electronic component, typically categorized as a high-density, small-form-factor connector or header assembly, often used in automotive, industrial, or telecommunications hardware.
Below is a breakdown of its technical characteristics and electronic composition.
---
### 1. Key Technical Specifications
This part is defined by its mechanical robustness and electrical connectivity parameters.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | M2PHS2W-16C-R2 |
| **Pin Count** | 16-Pin (C stands for Circuits/Contacts) |
| **Configuration** | Dual Row (2W / 2-Way) |
| **Pitch** | Typically 2.0mm or 2.54mm (Series dependent) |
| **Mounting Type** | Through-hole or Surface Mount (Series dependent) |
| **Orientation** | Horizontal/Right-Angle (often indicated by 'S2W') |
---
### 2. Material Composition
Electronic components of this grade are built using specific materials to ensure signal integrity and thermal resistance.
* **Housing:** High-temperature Thermoplastic (LCP or Nylon), rated for UL94V-0 flammability. This ensures the part does not melt during Reflow Soldering.
* **Contacts (Pins):** Copper Alloy (Phosphor Bronze or Brass). This provides high conductivity and mechanical spring endurance.
* **Plating:**
* **Contact Area:** Usually Gold (Au) or Selective Gold to prevent oxidation and ensure low contact resistance.
* **Solder Tail:** Tin (Sn) or Lead-free Tin to facilitate easy soldering to the PCB.
---
### 3. Electrical Characteristics
These parts are designed to handle specific power and signal loads within a circuit:
* **Current Rating:** Typically 1.0A to 3.0A per contact.
* **Voltage Rating:** Usually 125V to 250V AC/DC.
* **Insulation Resistance:** Minimum 1000MΩ (to prevent leakage between pins).
* **Contact Resistance:** Maximum 20mΩ (to ensure minimal signal loss).
---
### 4. Component Breakdown (Naming Convention)
While naming conventions vary by manufacturer (such as JST, Molex, or Hirose clones), the code generally breaks down as follows:
1. **M2:** Refers to the series or pitch family.
2. **PHS:** Indicates the type (e.g., Plug, Header, Shrouded).
3. **2W:** Two-way or Dual row configuration.
4. **16C:** 16 Contacts/Pins.
5. **R2:** Revision 2 or specific packaging (Tape & Reel).
---
### 5. Common Applications
* **Automotive ECU:** Connecting sensor arrays to the main board.
* **Consumer Electronics:** Internal power or data ribbons in laptops and printers.
* **Industrial Automation:** PLC module interconnections.
- ⤷
What is the exact pitch measurement for the M2PHS series?
- ⤷ Is this component compatible with automated SMT pick-and-place machines?
- ⤷ What are the recommended soldering temperature profiles for the R2 revision?