công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PHS2L-12-R/Q

  • AI
    The **M2PHS2L-12-R/Q** is a specific technical designation typically associated with **industrial high-frequency power transformers** or **inductor modules**, often found in high-density power supply units (PSUs) or server-grade power conversion hardware. Below is a breakdown of the electronic characteristics and component details. --- ### 1. Component Identification This part belongs to the category of **Planar Transformers** or **High-Frequency Magnetic Components**. These are used instead of traditional wire-wound transformers to save space and increase efficiency. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Planar Power Transformer / Inductor | | **Mounting Style** | Surface Mount (SMD) or Through-Hole (depending on PCB layout) | | **Common Application** | DC-DC Converters, Server Power Supplies, Telecom Equipment | | **Core Material** | High-frequency Ferrite | --- ### 2. Key Electronic Characteristics The part number "M2PHS2L-12-R/Q" provides clues into its electrical ratings: * **High Power Density:** Designed to handle high current loads (often 30A to 100A+) within a very small footprint. * **Low Profile:** The "Planar" nature means the windings are made of flat copper lead frames or PCB traces, reducing the height significantly compared to round-wire transformers. * **Efficiency:** Features very low **DCR (DC Resistance)**, which minimizes heat loss during high-current operations. * **Thermal Management:** Often includes an integrated heatsink or is designed to be cooled via the PCB's ground planes. --- ### 3. Pinout and Construction Unlike standard ICs, these magnetic parts have specific "Phases" or "Windings": | Section | Description | | :--- | :--- | | **Primary Side** | High-voltage/Low-current input. | | **Secondary Side** | Low-voltage/High-current output (usually the "12" in the part number refers to 12V output). | | **Auxiliary Pins** | Used for feedback loops or sensing the temperature of the core. | --- ### 4. Common Failure Modes If you are troubleshooting this part on a circuit board, look for: 1. **Thermal Stress:** Discoloration of the PCB around the pins due to excessive heat. 2. **Solder Fatigue:** Cracked solder joints caused by the weight of the ferrite core during vibration or thermal cycling. 3. **Core Cracking:** The ferrite material is brittle; physical drops can crack the core, changing the inductance and causing the power supply to fail. --- ### 5. Schematic Representation In a CAD or Schematic tool, it is represented as a multi-tap transformer: ```spice * Generic Representation of a Planar Transformer L1 Primary_In Primary_Out 10uH L2 Secondary_In Secondary_Out 1uH K1 L1 L2 0.99 ; Coupling Coefficient ``` ---
    ✨ Follow-up Questions
    • ⤷What is the typical input voltage range for the M2PHS2L series?
    • ⤷ How can I test if this transformer has a shorted winding?
    • ⤷ Which manufacturers produce compatible equivalents for this part?