công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PHS2H-CD-R2

  • AI
    The **M2PHS2H-CD-R2** is a specialized electronic component, typically associated with high-speed connectivity solutions, specifically within the **M.2 (Next Generation Form Factor)** ecosystem. It is often identified as a connector or an adapter interface used in industrial and consumer computing. Below is a breakdown of its technical characteristics and electronic architecture. ### 1. Component Overview The "M2PHS" series generally refers to **M.2 (NGFF) Host Connectors**. These are surface-mount (SMT) components soldered onto motherboards or carrier boards to accept M.2 expansion cards (SSDs, Wi-Fi modules, etc.). | Feature | Specification | | :--- | :--- | | **Interface Type** | M.2 (NGFF) | | **Orientation** | Right-Angle / Horizontal | | **Mounting Type** | Surface Mount (SMT) | | **Pin Count** | Typically 67 or 75 pins (depending on Keying) | | **Keying** | Usually "B" or "M" Key (for SATA or PCIe NVMe) | --- ### 2. Key Electronic Parts & Design The architecture of this part involves several critical electronic considerations to ensure signal integrity at high frequencies: * **Contact Material:** Usually a copper alloy with **Gold Plating** (often 10μ" to 30μ") to prevent oxidation and ensure low contact resistance over multiple mating cycles. * **Housing/Insulator:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer) designed to withstand lead-free reflow soldering temperatures. * **Signal Integrity:** Designed to support high-speed differential pairs required for **PCIe Gen 3 or Gen 4**, as well as SATA 3.0 and USB 3.0 protocols. * **Solder Tabs:** Metal "ears" or "nails" on the sides of the connector that are soldered to the PCB to provide mechanical strain relief, preventing the connector from lifting during card insertion. --- ### 3. Pinout and Signal Layout While specific pinouts depend on the "Keying" (B, M, or E), a standard M.2 connector like the R2 variant typically handles the following signals: | Signal Group | Description | | :--- | :--- | | **Power Rails** | 3.3V supply to the M.2 card. | | **Differential Pairs**| High-speed lanes for Transmit (TX) and Receive (RX). | | **Clock Signals** | REFCLK+/- for synchronizing PCIe data. | | **Control Signals** | PERST# (Reset), WAKE#, and CLKREQ#. | | **Ground (GND)** | Interspersed between signal pairs to reduce EMI/Crosstalk. | --- ### 4. Typical Application Example ```c // Pseudo-representation of hardware initialization for an M.2 device // connected via the M2PHS interface void init_m2_slot() { power_on_rail(3.3V); // Enable VCC to the connector check_present_pin(LOW); // Verify card is physically seated reset_device(PERST_N); // De-assert reset signal start_pcie_enumeration(); // Begin high-speed handshake } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific physical height (profile) of the R2 variant?
    • ⤷ Does this connector support PCIe Gen 4 or Gen 5 data rates?
    • ⤷ What are the differences between B-key and M-key pinouts for this part?