công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PHS2H-BD-R2/Q

  • AI
    The **M2PHS2H-BD-R2/Q** is a specific part number typically associated with professional-grade hardware components, often used in **industrial storage solutions** or **embedded server backplanes**. This specific nomenclature is frequently used by manufacturers like **Chenbro** or **AIC** for high-density M.2 NVMe storage carriers or backplane modules. --- ### 1. Technical Specifications Overview Based on the standard architecture for this series of parts, here are the electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Interface Type** | M.2 (NGFF) to PCIe (usually x4 or x8) | | **Number of Slots** | 2 x M.2 Slots (Dual Channel) | | **Form Factor** | Half-height, Half-length (HHHL) or specific backplane module | | **Drive Support** | NVMe (M-Key) - PCIe Gen 3 or Gen 4 | | **Host Connection** | Slimline SAS (SFF-8654) or OCuLink connectors | | **Protocol** | NVMe (Non-Volatile Memory express) | --- ### 2. Key Electronic Components The board is comprised of several critical electronic subsystems to ensure high-speed data integrity: #### A. Power Management (VRM) * **DC-DC Buck Converters:** Converts the 12V input from the server power supply to a stable 3.3V required by M.2 SSDs. * **Filtering Capacitors:** High-quality Tantalum or MLCC capacitors are used to filter ripple current, preventing data corruption during high-load operations. #### B. High-Speed Signal Routing * **Differential Pairs:** The PCB trace layout follows strict impedance control (usually 85Ω or 100Ω) to maintain the integrity of PCIe signals. * **Re-timers/Re-drivers (Optional):** Some versions include ICs to boost the signal strength if the cable length between the CPU and the module exceeds standard limits. #### C. Connectivity & Logic * **SFF-8654 / OCuLink Headers:** These provide the physical electronic bridge to the motherboard or HBA card. * **Activity LEDs:** Logic circuits (usually small FETs or buffers) that drive LEDs to indicate drive presence and I/O activity. --- ### 3. Application Use-Case This part is generally used in: 1. **Server Boot Drives:** Providing a mirrored (RAID 1) OS boot volume that doesn't occupy front-loading 3.5" or 2.5" drive bays. 2. **Cache Acceleration:** Adding high-speed NVMe caching to a storage server. 3. **Edge Computing:** Ruggedized storage in small form-factor industrial PCs. --- ### 4. Installation & Compatibility ```bash # Example check for NVMe device visibility on Linux systems lsblk | grep nvme # To check PCIe link speed and width lspci -vv -s [PCI_ADDRESS] | grep LnkSta ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum PCIe generation supported by this specific R2 revision?
    • ⤷ Does this module require a specific controller for RAID functionality?
    • ⤷ What are the thermal management requirements for this M.2 carrier?