công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PHS2H-A1-R/N

  • AI
    The **M2PHS2H-A1-R/N** is a specific model of an **M.2 NVMe SSD to PCIe Host Adapter card**. These devices are used to connect high-speed M.2 NVMe (M-Key) solid-state drives into a standard desktop computer's PCIe expansion slot. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface (Host)** | PCI Express x4 (Physical x4/x8/x16 slots) | | **Interface (Drive)** | M.2 M-Key (NVMe) | | **Supported Sizes** | 2230, 2242, 2260, 2280 | | **Data Transfer Rate** | Up to 32Gbps (PCIe Gen 3 x4) | | **Operating Voltage** | 3.3V (via PCIe Slot) | | **Indicator** | Integrated LED (Power & Activity) | --- ### 2. Major Electronic Components The PCB (Printed Circuit Board) of this adapter consists of several critical stages to ensure data integrity and power stability: #### A. Power Management Circuitry Since PCIe slots provide 12V and 3.3V, but M.2 NVMe drives primarily operate on **3.3V**, the adapter includes: * **Voltage Regulators:** High-efficiency DC-to-DC converters (often LDOs or switching regulators) to ensure a stable 3.3V rail even under high load. * **Solid Capacitors:** These are used for ripple filtering and energy storage to prevent data corruption during sudden power fluctuations. #### B. The M.2 Connector (M-Key) * The physical interface where the SSD is inserted. It uses gold-plated pins to minimize resistance and prevent oxidation, which is crucial for maintaining PCIe Gen 3/4 signal speeds. #### C. Signal Integrity Components * **Differential Pair Tracing:** The PCB layout uses impedance-controlled routing for the high-speed data lanes. * **SMD Resistors/Capacitors:** Small surface-mount devices (SMD) act as coupling capacitors for the PCIe lanes to filter out DC bias from the high-speed AC signals. #### D. LED Indicators * **Status LED:** Usually, a green or blue LED indicates that the board is receiving power. * **Activity LED:** A flickering light (triggered by the SSD's "ACT" pin) indicates that data is being read from or written to the drive. --- ### 3. Physical Layout & Design The "R/N" in the model often refers to specific revisions or the inclusion of a "Regular" (Full-height) or "Low-profile" bracket. 1. **Heat Sink/Passive Cooling:** Many versions of this adapter include a thermal pad and an aluminum heatsink because NVMe drives can throttle (slow down) when they exceed 70°C. 2. **Standoffs:** Adjustable brass or steel screws that allow the user to secure different lengths of SSDs (e.g., the common 80mm "2280" size).
    ✨ Follow-up Questions
    • ⤷ Does this adapter support SATA-based M.2 drives or only NVMe?
    • ⤷ Is this adapter compatible with PCIe 4.0 or 5.0 slots?
    • ⤷ What is the difference between an M-Key and a B-Key M.2 slot?