AI

The **M2PE-5E-R2** is a specialized hardware component, typically identified as a **Dual M.2 to PCIe Adapter Card**. It is designed to bridge the gap between high-speed M.2 solid-state drives (SSDs) and standard PCI Express slots on a motherboard.
---
### 1. Technical Specifications
Below are the primary electronic and physical characteristics of the M2PE-5E-R2:
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | PCIe x4 (Gen 2 or Gen 3 compatible) |
| **M.2 Slots** | 2 Slots (Typically 1x NVMe and 1x SATA) |
| **Supported Sizes** | 2230, 2242, 2260, 2280 |
| **SATA Connection** | 7-pin SATA connector (required for SATA M.2 drives) |
| **Power Supply** | PCIe Slot Power + optional SATA power input |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Key Electronic Components
The board functions using several critical circuits to ensure data integrity and power stability:
#### A. Voltage Regulator Modules (VRM)
M.2 drives operate at **3.3V**, while PCIe slots provide both 3.3V and 12V. The adapter contains DC-to-DC step-down converters to ensure a steady, high-amperage 3.3V supply to the SSDs, preventing crashes during heavy read/write loads.
#### B. Differential Signal Routing
To maintain PCIe Gen 3 speeds (up to 8Gbps per lane), the PCB uses **impedance-controlled differential pairs**. These are the "zigzag" or precisely curved traces on the board designed to minimize signal EMI (Electromagnetic Interference) and crosstalk.
#### C. Decoupling Capacitors
You will notice small Surface Mount (SMD) capacitors near the M.2 connectors. These act as local energy reservoirs to filter out high-frequency noise from the power plane, ensuring the SSD controller receives "clean" power.
---
### 3. Connection Logic
It is important to understand how the electronic signals are routed on this specific board:
1. **NVMe Slot (M-Key):** This slot routes the data lines directly to the PCIe gold fingers. It utilizes the PCIe bus for communication.
2. **SATA Slot (B-Key):** This slot usually **does not** communicate through the PCIe gold fingers. Instead, it bridges the M.2 pins to a physical SATA port on the side of the card, which must be connected to the motherboard via a SATA cable.
---
### 4. Status Indicators
The "R2" revision often includes diagnostic LEDs:
* **Power LED:** Indicates the 3.3V rail is active.
* **Activity LED:** Flashes when data is being transferred (requires the SSD to support the LED signal pin).
- ⤷
Does this adapter support NVMe RAID configurations?
- ⤷ What is the difference between M-Key and B-Key on this board?
- ⤷ Does the M2PE-5E-R2 require specific drivers for the PCIe bridge?