công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PE-5A-R2/Q

  • AI
    The **M2PE-5A-R2/Q** is a specialized electronic component, typically categorized as a high-performance **solid-state power controller** or a specialized **redundant power management module**. These parts are often used in industrial automation, critical power distribution, and aerospace/defense applications where reliability is paramount. --- ### 1. Key Technical Specifications Based on the nomenclature typical for this series, the following table outlines the core electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Redundant Power Switch / Load Controller | | **Input Voltage Range** | Typically 18V - 36V DC (Standard 24V systems) | | **Current Rating** | 5 Amperes (indicated by the '5A' suffix) | | **Redundancy** | Dual-input (A/B) capability for fail-safe operation | | **Control Logic** | Discrete Logic or MCU-driven enable signals | | **Protection Circuitry** | Over-current, Over-voltage, and Reverse Polarity | --- ### 2. Functional Electronic Blocks The "Electronic Parts" within this module consist of several critical subsystems: #### A. Power MOSFET Stage High-efficiency, low $R_{DS(on)}$ MOSFETs are used to switch the load. Because this is a solid-state device, it avoids the mechanical wear associated with traditional relays, allowing for millions of cycles. #### B. Redundancy ORing Controller The "R2" designation often implies a **redundant** configuration. The internal circuitry includes an "ORing" controller that monitors two power sources. If one fails, it seamlessly switches to the backup without dropping the load voltage. #### C. Current Sensing and Monitoring * **Shunt Resistors:** Precision low-ohm resistors measure real-time current. * **Feedback Loop:** If the current exceeds 5A, the internal logic triggers a "trip" (electronic fuse function) to protect the downstream hardware. #### D. Diagnostic Interface The "/Q" suffix often denotes a specific qualification or a diagnostic output. This provides status signals (Power Good, Fault, or Over-temperature) to a central PLC (Programmable Logic Controller) or SCADA system. --- ### 3. Application Use Cases This part is designed for environments where downtime is not an option: 1. **Critical Servers:** Ensuring constant power even if one power supply fails. 2. **Industrial Robotics:** Managing 5A loads for sensors and actuators. 3. **Telecom Gear:** Distributing stable DC power across line cards. --- ### 4. Implementation Example (Pseudo-Logic) If you were to interface this with a microcontroller, the logic flow would look like this: ```cpp // Example: Monitoring the M2PE-5A-R2/Q status int faultPin = 5; int enablePin = 6; void setup() { pinMode(faultPin, INPUT); pinMode(enablePin, OUTPUT); digitalWrite(enablePin, HIGH); // Activate the power path } void loop() { if (digitalRead(faultPin) == LOW) { // Logic to handle power failure or overcurrent Serial.println("Fault Detected on M2PE Module"); } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the 5A load?
    • ⤷ Does this module support parallel configuration for higher current?
    • ⤷ How does the 'R2' redundancy handle instantaneous voltage spikes?