công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PE-5A-R/UL

  • AI
    The **M2PE-5A-R/UL** is a high-performance **Solid State Relay (SSR)** typically manufactured by companies like **Carlo Gavazzi** or specialized electronic component distributors. It is designed for switching AC loads with high reliability and precision. --- ## 1. Core Technical Specifications | Parameter | Details | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) | | **Mounting Type** | PCB Mount (Through-hole) | | **Switching Mode** | Zero Cross Switching (Typical) | | **Rated Load Current** | 5 Amperes (5A) | | **Rated Load Voltage** | 240V AC to 480V AC (depending on specific series variant) | | **Control Voltage** | Usually 3V - 32V DC (Logic level compatible) | | **Certifications** | UL Recognized (Underwriters Laboratories) | --- ## 2. Key Electronic Features ### A. Optical Isolation The device utilizes an internal LED and a photo-sensitive triac/thyristor to achieve electrical isolation between the control side (input) and the load side (output). This protects sensitive microcontrollers from high-voltage surges. ### B. Zero Cross Switching The "PE" series often features **Zero Cross** technology. This means the relay only turns ON when the AC sine wave crosses the 0V point. * **Benefit:** Reduces electromagnetic interference (EMI) and minimizes electrical stress on the load and the relay. ### C. Thermal Management As a 5A SSR, it is designed for compact spaces. While it handles 5A, it is crucial to ensure the PCB traces are wide enough to carry the current without overheating. --- ## 3. Pin Configuration & Application Most M2PE models follow a standard 4-pin layout: 1. **Pin 1 & 2 (Input):** Connected to the DC control signal (e.g., from an Arduino, PLC, or MCU). 2. **Pin 3 & 4 (Output):** Connected in series with the AC load and the AC power source. ### Common Applications: * **Industrial Automation:** Controlling small motors or solenoids. * **Temperature Control:** Switching heating elements in 3D printers or ovens. * **Lighting Systems:** Reliable switching for high-frequency lighting cycles. --- ## 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **M2** | Series designation (Miniature/Modular) | | **PE** | PCB Mount / Encapsulated | | **5A** | Maximum Current Rating (5 Amps) | | **R** | Resistant / RoHs Compliant (or specific output type) | | **UL** | Certified for safety standards in North America | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Zero Cross and Random Fire switching in this SSR?
    • ⤷ Does the M2PE-5A-R require an external heatsink for full 5A operation?
    • ⤷ What is the typical input control current required to trigger this relay?