công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PE-1E-R

  • AI
    The **M2PE-1E-R** is a specialized hardware adapter/extender commonly used in industrial computing and embedded systems. It is designed to interface a **Mini PCIe (mPCIe)** slot with an **M.2 (NGFF)** device. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Interface (Host)** | Mini PCI Express (Full-size or Half-size) | | **Interface (Device)** | M.2 (NGFF) Key E / Key A+E | | **Data Lanes** | PCIe x1 and USB 2.0 | | **Power Supply** | 3.3V (derived from Mini PCIe slot) | | **Form Factor** | Extender/Converter card | ### 2. Key Electronic Components The board consists of several critical layers of electronic design to ensure signal integrity and power stability: #### A. Voltage Regulation & Power Management * **LDO (Low Dropout Regulator):** Mini PCIe slots provide 3.3V. However, high-performance M.2 Wi-Fi 6 or Bluetooth modules can cause voltage spikes. The board often includes decoupling capacitors (Ceramic) to smooth out ripples. * **Power Rails:** It routes the 3.3V DC power from the Mini PCIe pins directly to the M.2 connector pins. #### B. Signal Passive Components * **Coupling Capacitors:** Small surface-mount (SMD) capacitors are placed on the PCIe TX/RX differential pairs. These block DC bias while allowing the high-speed AC data signals to pass through. * **Resistor Jumpers:** Some versions use 0-ohm resistors to configure specific pin behaviors (like W_DISABLE for turning off wireless radios). #### C. Connectors * **M.2 Slot (Key E):** Specifically designed for wireless modules (Wi-Fi/Bluetooth). It supports PCIe x1 and USB 2.0 signals. * **Mini PCIe Edge Connector:** The "Gold Fingers" that plug into the motherboard. ### 3. Pin Mapping Logic The M2PE-1E-R acts as a bridge. It maps the pins according to the following logic: 1. **PCIe Lane:** Maps Mini PCIe Pins 23, 25, 31, 33 (Differential Pairs) to the corresponding M.2 PCIe pins. 2. **USB Bus:** Maps Mini PCIe Pins 36 and 38 (USB D+/D-) to the M.2 USB pins. This is essential for the Bluetooth portion of Wi-Fi cards. 3. **Control Signals:** Maps PERST# (Reset), WAKE#, and CLKREQ# to ensure the system recognizes the hardware during boot. --- ### 4. Typical Use Case This part is primarily used to upgrade older industrial motherboards that lack M.2 slots but have legacy Mini PCIe slots. It allows the installation of modern **Intel AX200/AX210** Wi-Fi cards into older systems. > **Note:** This adapter does **not** support M.2 NVMe SSDs (Key M), as the physical keying and electrical lanes (x1 vs x4) are incompatible.
    ✨ Follow-up Questions
    • ⤷ Does this adapter support M.2 SATA SSDs?
    • ⤷ What is the difference between Key E and Key M in M.2 slots?
    • ⤷ Are there power limitations when using high-power Wi-Fi 6E cards with this adapter?