M2PE-16-R2/UL
AI

The **M2PE-16-R2/UL** is a specialized industrial electronic component, typically categorized as a **Solid State Relay (SSR) Output Board** or a **Discrete Output Module**, often used in PLC (Programmable Logic Controller) systems and industrial automation.
Below is a detailed breakdown of its electronic specifications and features.
---
### 1. General Specifications
This module is designed to interface high-level control logic with high-power industrial loads.
| Feature | Description |
| :--- | :--- |
| **Type** | Solid State Plug-in Output Module Board |
| **Channels** | 16-Channel Output |
| **Isolation** | Optical Isolation (Optocouplers) |
| **Mounting** | DIN Rail or Panel Mount |
| **Safety Standard** | UL (Underwriters Laboratories) Recognized |
### 2. Electronic Components & Architecture
The board consists of several key electronic sections:
#### A. Input Section (Logic Side)
* **Optoisolators:** Protects the sensitive CPU/Logic controller from voltage spikes on the load side.
* **LED Indicators:** 16 individual LEDs provide visual feedback on the status of each channel.
* **Logic Voltage:** Typically operates on 5V DC or 24V DC logic levels (depending on the specific jumper configuration).
#### B. Output Section (Load Side)
* **Switching Element:** Uses power transistors or MOSFETs (for DC) or Triacs (for AC).
* **Protection Circuitry:** Includes **Freewheeling Diodes** (to prevent back-EMF from inductive loads) and **Fuses** (usually one per group or channel).
* **Terminal Blocks:** Heavy-duty screw terminals for secure wiring of external devices like motors, solenoids, or lamps.
### 3. Key Technical Parameters
| Parameter | Typical Value |
| :--- | :--- |
| **Max Load Current** | ~2A to 5A per channel (Heat dependent) |
| **Switching Voltage** | 5-60V DC or 24-280V AC (Model specific) |
| **Response Time** | < 1ms (On), < 1ms (Off) |
| **Leakage Current** | Minimal (Typical of Solid State technology) |
### 4. Typical Applications
* **Solenoid Valve Control:** Driving hydraulic or pneumatic valves.
* **Motor Starters:** Interfacing with contactors.
* **Heating Elements:** Precision switching for industrial ovens.
* **Lighting Systems:** Automated factory floor lighting.
---
### Summary of Benefits
1. **High Reliability:** No moving parts means a significantly longer lifespan compared to mechanical relays.
2. **Fast Switching:** Ideal for Pulse Width Modulation (PWM) or rapid cycling.
3. **Safety:** The **UL** designation ensures the board meets strict North American fire and electrical safety standards.
- ⤷
What is the maximum current rating per channel for the M2PE-16-R2/UL?
- ⤷ Does this module support AC or DC loads specifically?
- ⤷ How do I wire the common ground for the 16 output channels?