công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PE-16-R

  • AI
    The **M2PE-16-R** is a specific electronic component, typically categorized as a high-density, high-speed connector module or a specific interface board (often associated with industrial automation or specialized PC interfaces like M.2 expansions). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The "M2PE" series generally refers to **M.2 (NGFF) to PCI Express** interface adapters or specific industrial terminal blocks. The "16-R" suffix often denotes the number of channels (16) and a specific orientation or revision (Right-angle or Relay-based). ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Interface Type** | M.2 (Key M or B+M) to PCIe x16 / Terminal Block | | **Channel Count** | 16-Channel | | **Mounting Style** | Through-hole or Rail-mount (depending on specific industrial housing) | | **Signal Integrity** | Support for PCIe Gen 3.0 or 4.0 signaling | | **Termination** | Resistor-terminated (indicated by the "-R") | --- ## 2. Electronic Architecture The internal circuitry of the M2PE-16-R focuses on three primary electronic domains: ### A. Signal Routing (High-Speed) * **Differential Pairs:** The board utilizes impedance-controlled routing (usually 85Ω or 100Ω) to ensure data integrity between the M.2 controller and the 16 output channels. * **EMI Shielding:** Often includes a ground plane layer to prevent crosstalk between the 16 high-density lanes. ### B. Power Management * **DC-DC Conversion:** Most modules convert the 3.3V provided by the M.2 slot to the necessary voltage for the 16 output ports. * **Decoupling Capacitors:** Small ceramic capacitors (MLCC) are placed near the output pins to filter high-frequency noise. ### C. Protection Circuitry * **TVS Diodes:** Transient Voltage Suppression diodes are used to protect the M.2 host from electrostatic discharge (ESD) coming from the 16 external connections. * **Resistor Networks:** The "-R" variant often includes pull-up or pull-down resistors to define logic states when no device is connected. --- ## 3. Typical Pinout Configuration While specific pinouts vary by manufacturer (e.g., Advantech, Mouser, or custom industrial builds), a standard 16-channel M2PE module follows this logic: | Pin Group | Function | Voltage/Signal | | :--- | :--- | :--- | | **1-4** | Power Supply | 3.3V / 5V / GND | | **5-12** | Data Lanes 0-7 | Differential +/- | | **13-20** | Data Lanes 8-15 | Differential +/- | | **21-24** | Clock/Reset | REFCLK / PERST# | --- ## 4. Applications 1. **Industrial Data Acquisition:** Collecting signals from 16 sensors and feeding them into a compact M.2-based industrial PC. 2. **SSD Expansion:** Routing PCIe lanes to external storage arrays. 3. **Automated Test Equipment (ATE):** Using the 16 channels to trigger external relays or logic probes. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer rate supported by the M2PE-16-R?
    • ⤷ Does this component require external power
    • ⤷ or is it bus-powered?
    • ⤷ Is the M2PE-16-R compatible with NVMe protocol or strictly for GPIO/Relay use?